Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STY-CATR-RER-0150-S1 Datasheet(PDF) 5 Page - Eravant

Part # STY-CATR-RER-0150-S1
Description  Ø6” Circular Quiet Zone, Rolled Edge Reflector For Compact Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STY-CATR-RER-0150-S1 Datasheet(HTML) 5 Page - Eravant

  STY-CATR-RER-0150-S1 Datasheet HTML 1Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 2Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 3Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 4Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STY-CATR-RER-0150-S1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
5/5
Final Rev 1.2
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
NOTE:
•
Pattern test results shown were done with
Eravant’ own inhouse built and designed open-bed compact range, which can be
purchased under model STY-CATR-0150-OB-S1.
•
Eravant reserves the right to change the information presented without notice.
CAUTION:
•
The reflector is very delicate, great care must be taken to avoid damaging, denting, or scratching the surface. Any damage
to the surface will severely impact the accuracy of the reflector.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com