Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STY-MAA-AP-42KF-R1 Datasheet(PDF) 1 Page - Eravant

Part # STY-MAA-AP-42KF-R1
Description  WR-42 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STY-MAA-AP-42KF-R1 Datasheet(HTML) 1 Page - Eravant

  STY-MAA-AP-42KF-R1 Datasheet HTML 1Page - Eravant STY-MAA-AP-42KF-R1 Datasheet HTML 2Page - Eravant STY-MAA-AP-42KF-R1 Datasheet HTML 3Page - Eravant STY-MAA-AP-42KF-R1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STY-MAA-AP-42KF-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/4
Advanced Rev 1.0
WR-42 Open Ended Waveguide Probe Assembly, 6.5 dBi
Directivity
STY-MAA-AP-42KF-R1 is a K-band open ended waveguide probe
assembly that operates from 18 GHz to 26.5 GHz. The antenna offers
6.5 dBi nominal directivity, a typical half power beamwidth of 115
degrees on the E-plane and 60 degrees on the H-plane. The antenna
supports linear polarized waveforms. The RF port is a right angle (90°)
2.92 mm coax connector. The antenna is mounted on a universal
mounting cage, which is constructed from sturdy black anodized
aluminum plates and optical grade stainless steel posts. The cage
includes an integrated bubble level and a removable Velcro fastened
absorber shield. The open ended waveguide probe assembly is offered
for near-field antenna range gain and pattern measurement purposes,
but it can be also used for general purpose system set ups.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
18 GHz
26.5 GHz
Directivity
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
8 dB
Power Handling
50 W (CW)
Specification Temperature
+25 °C
Operation Temperature
-40 °C
+85 °C
Item
Specification
RF Port
2.92 mm Female Coax Connector
Material
Brass, Aluminum, Stainless Steel
Finish
Gold Plated (Brass), Black Anodized (Aluminum),
Passivated (Stainless Steel),
Weight
10.5 lbs.
Outline
TY-MAA-AP-KC-R
ECCN
EAR99
FEATURES
•
Robust Universal Mounting Cage
•
Bubble Level and Absorber Shield
•
Right Angle Connector Configuration
•
Linear Polarization
•
DC Open Circuit
APPLICATIONS
•
Near Field Range Testing
•
General System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - STY-MAA-AP-42KF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
STY-MAA-AP-121F-R1 ERAVANT-STY-MAA-AP-121F-R1 Datasheet
349Kb / 4P
WR-12 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
Rev 1.0
STY-MAA-AP-151F-R1 ERAVANT-STY-MAA-AP-151F-R1 Datasheet
360Kb / 4P
WR-15 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
Rev 1.0
STY-MAA-AP-19VF-R1 ERAVANT-STY-MAA-AP-19VF-R1 Datasheet
356Kb / 4P
WR-19 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
Rev 1.0
STY-MAA-AP-222F-R1 ERAVANT-STY-MAA-AP-222F-R1 Datasheet
363Kb / 4P
WR-22 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
Rev 1.0
STY-MAA-AP-28KF-R1 ERAVANT-STY-MAA-AP-28KF-R1 Datasheet
368Kb / 4P
WR-28 Open Ended Waveguide Probe Assembly, 6.5 dBi Directivity
Rev 1.0
More results

Similar Description - STY-MAA-AP-42KF-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGK1001 PASTERNACK-PEWGK1001 Datasheet
450Kb / 3P
WR-42, WR-34 Waveguide Gasket kit Square Cover
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
PEWCT1005 PASTERNACK-PEWCT1005 Datasheet
399Kb / 5P
WR-42 Waveguide 30 dB Crossguide Coupler
PEWCT1007 PASTERNACK-PEWCT1007 Datasheet
400Kb / 5P
WR-42 Waveguide 50 dB Crossguide Coupler
PE-W42SF005-12 PASTERNACK-PE-W42SF005-12_V01 Datasheet
549Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24_V01 Datasheet
550Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42SF005-36 PASTERNACK-PE-W42SF005-36_V01 Datasheet
551Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42TF005-12 PASTERNACK-PE-W42TF005-12_V01 Datasheet
541Kb / 4P
WR-42 Twistable Flexible Waveguide
PE-W42TF005-24 PASTERNACK-PE-W42TF005-24_V01 Datasheet
540Kb / 4P
WR-42 Twistable Flexible Waveguide
PE-W42TF005-36 PASTERNACK-PE-W42TF005-36_V01 Datasheet
541Kb / 4P
WR-42 Twistable Flexible Waveguide
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com