Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2621STRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2621STRT
Description  500kHz Voltage Mode PWM Controller With Linear Power Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621STRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2621STRT Datasheet HTML 2Page - Semtech Corporation SC2621STRT Datasheet HTML 3Page - Semtech Corporation SC2621STRT Datasheet HTML 4Page - Semtech Corporation SC2621STRT Datasheet HTML 5Page - Semtech Corporation SC2621STRT Datasheet HTML 6Page - Semtech Corporation SC2621STRT Datasheet HTML 7Page - Semtech Corporation SC2621STRT Datasheet HTML 8Page - Semtech Corporation SC2621STRT Datasheet HTML 9Page - Semtech Corporation SC2621STRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621
Applications Information
THEOR
THEOR
THEOR
THEOR
THEORY OF OPERA
Y OF OPERA
Y OF OPERA
Y OF OPERA
Y OF OPERATION
TION
TION
TION
TION
The SC2621 integrates a high-speed, voltage mode PWM
controller with a linear controller into a single package. It
is designed to control two independent output voltages
for high performance graphic card applications.
As shown in the block diagram of the SC2621, the volt-
age-mode PWM controller consists of an error amplifier,
a 500kHz ramp generator, a PWM comparator, a RS latch
circuit, and two MOSFET drivers. The buck converter out-
put voltage is fed back to the error amplifier negative
input and is regulated to a reference voltage level. The
error amplifier output is compared with the ramp to gen-
erate a PWM wave, which is amplified and used to drive
the MOSFETs in the buck converter. The PWM wave at
the phase node with the amplitude of Vin is filtered out
to get a DC output. The linear controller is an error ampli-
fier. It provides the gate drive and output voltage control
for a linear regulator. Both PWM controller and linear con-
troller work with soft-start and fault monitoring circuitry
to meet application requirement.
UVLO, Start Up and Shut Down
UVLO, Start Up and Shut Down
UVLO, Start Up and Shut Down
UVLO, Start Up and Shut Down
UVLO, Start Up and Shut Down
To initiate the SC2621, a supply voltage is applied to Vcc
pin. The top gate (DH) and bottom gate (DL) are held low
until Vcc voltage exceed UVLO (Under Voltage Lock Out)
threshold, typically 4.0V. Then the internal Soft-Start (SS)
capacitor begins to charge, the top gate remains low,
and the bottom gate is pulled high to turn on the bottom
MOSFET. When the SS voltage at the capacitor reaches
0.4V, the linear controller is enabled and LDO output is
turned on. Meanwhile, the top and bottom gates of PWM
controller begin to switch. The switching regulator output
is slowly ramping up for a soft turn-on.
If the supply voltages at Vcc pin falls below UVLO thresh-
old during a normal operation, the SS capacitor begins
to discharge. When the SS voltage reaches 0.4V, the
PWM controller controls the switching regulator output
to ramp down slowly for a soft turn-off. Meanwhile, the
linear controller is disabled and LDO output is turned off.
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
The SC2621 uses low-side MOSFET Rdson sensing for
over current protection. In every switching cycle, after
the bottom MOSFET is on for 150ns, the SC2621 de-
tects the phase node voltage and compares it with an
internal setting voltage. If the phase node is lower than
the setting voltage, an overcurrent condition occurs. The
SC2621 will discharge the internal SS capacitor and shut-
down both outputs. After waiting for around 10 millisec-
onds, the SC2621 begins to charge SS capacitor again
and initiates a fresh startup. The startup and shutdown
cycle will repeat until the short circuit is removed. This is
called a hiccup mode short circuit protection.
To program a load trip point for short circuit protection, it
is recommended to connect a 3.3k resistor from the OCS
pin to the ground, and a resistor Rset from the OCS pin to
the DRV pin, as shown in Fig. 1.
SC2621
GND
OCS
DRV
VCC
11
4
9
3.3k
Rset
12V
8
Fig. 1. Programming load trip point
The resistor Rset can be found in Fig. 2 for a given phase
node voltage Vpn at the load trip point. This voltage is
the product of the inductor peak current at the load trip
point and the Rdson of the low-side MOSFET:
on
_
ds
peak
pn
R
I
V
´
=
The soft start time of the SC2621 is fixed at around 5ms.
Therefore, the maximum soft start current is determined
by the output inductance and output capacitance. The
values of output inductor and output bulk capacitors have
to be properly selected so that the soft start peak cur-
rent does not exceed the load trip point of the short cir-
cuit protection.
Internal LDO for Gate Drive
Internal LDO for Gate Drive
Internal LDO for Gate Drive
Internal LDO for Gate Drive
Internal LDO for Gate Drive
An internal LDO is designed in the SC2621 to lower the
12V supply voltage for gate drive. An 1uF external ce-
ramic capacitor connected in between DRV pin to the
ground is needed to support the LDO. The LDO output is
connected to low gate drive internally, and has to
beconnected to high gate drive through an external boot-
strap circuit. The LDO output voltage is set at 8.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com