Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4602AIMSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4602AIMSTRT
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4602AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Applications Information (Cont.)
Layout Guideline
In order to achieve optimal electrical, thermal and noise
performance for high frequency converters, special at-
tention must be paid to the PCB layouts. The goal of lay-
out optimization is to identify the high di/dt loops and
minimize them. The following guideline should be used to
ensure proper functions of the converters.
1. A ground plane is recommended to minimize noises
and copper losses, and maximize heat dissipation.
2. Start the PCB layout by placing the power compo-
nents first. Arrange the power circuit to achieve a
clean power flow route. Put all the connections on
one side of the PCB with wide copper filled areas if
possible.
3. The Vcc bypass capacitor should be placed next to
the Vcc and GND pins.
4. The trace connecting the feedback resistors to the
output should be short, direct and far away from the
noise sources such as the phase node and switching
components.
5. Minimize the traces between PDRV/NDRV and the
gates of the MOSFETs to reduce their impedance to
drive the MOSFETs.
6. Minimize the loop including input capacitors, top/bot-
tom MOSFETs. This loop passes high di/dt current.
Make sure the trace width is wide enough to reduce
copper losses in this loop.
7. The PHASE connection to P-MOSFET for current sens-
ing must use Kelvin connection.
8. Maximize the trace width of the loop connecting the
inductor, bottom MOSFET and the output capacitors.
9. Connect the ground of the feedback divider and the
compensation components directly to the GND pin
of the SC4602A/B by using a separate ground trace.
Then connect this pin to the ground of the output
capacitor as close as possible.
A Design Example: 3.3V to1.5V @6A application with SC4602B (NH020 footprint)
Figure 5. Schematic for 3.3V/1.5V@6A with SC4602B application
R2
3.32K
C2
6.8n
R1
5.11k
C7
150u
C1
470p
R6
1.0
R5
1.0
L1
1.6u
C4
22u
M2
C10
22u
C11
22u
C12
22u
C13
22u
Vin = 3.3V
C9
3.3n
R8
169
R7
4.64k
R9
5.36k
R10
100
Vo = 1.5V/6A
U1
SC4602B
VCC
1
SY NC/SLEEP
2
COMP
3
VSENSE
4
PHASE
5
GND
6
NDRV
7
PDRV
8
J2
1
2
3
4
5
C3
4.7u
J1
1
2
3
4
5
6
GND
ON/OFF
TRIM
R11
100
ON/OFF
M1
R15
1
R2
3.32K
C2
6.8n
R1
5.11k
C7
150u
C1
470p
R6
1.0
R5
1.0
L1
1.6u
C4
22u
M2
C10
22u
C11
22u
C12
22u
C13
22u
Vin = 3.3V
C9
3.3n
R8
169
R7
4.64k
R9
5.36k
R10
100
Vo = 1.5V/6A
U1
SC4602B
VCC
1
SY NC/SLEEP
2
COMP
3
VSENSE
4
PHASE
5
GND
6
NDRV
7
PDRV
8
J2
1
2
3
4
5
C3
4.7u
J1
1
2
3
4
5
6
GND
ON/OFF
TRIM
R11
100
ON/OFF
M1
R15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com