Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5815PWPR Datasheet(PDF) 57 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 53Page - Texas Instruments TAS5815PWPR Datasheet HTML 54Page - Texas Instruments TAS5815PWPR Datasheet HTML 55Page - Texas Instruments TAS5815PWPR Datasheet HTML 56Page - Texas Instruments TAS5815PWPR Datasheet HTML 57Page - Texas Instruments TAS5815PWPR Datasheet HTML 58Page - Texas Instruments TAS5815PWPR Datasheet HTML 59Page - Texas Instruments TAS5815PWPR Datasheet HTML 60Page - Texas Instruments TAS5815PWPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 123 page
background image
8.1.5 SIG_CH_CTRL Register (Offset = 28h) [Reset = 00h]
SIG_CH_CTRL is shown in Figure 8-5 and described in Table 8-7.
Return to the Summary Table.
Signal chain control
Figure 8-5. SIG_CH_CTRL Register
7
6
5
4
3
2
1
0
BCLK_RATIO
FS_MODE
R/W-0h
R/W-0h
Table 8-7. SIG_CH_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
BCLK_RATIO
R/W
0h
These bits indicate the configured BCLK ratio, the number of BCLK
clocks in one audio frame.
4'b0000: Auto detection
4'b0011:32FS
4'b0101:64FS
4'b0111:128FS
4'b1001:256FS
4'b1011:512FS
Others reserved.
3-0
FS_MODE
R/W
0h
FS Speed Mode These bits select the FS operation mode, which
must be set according to the current audio sampling rate.
4’b0000 Auto detection
4’b0110 32kHz
4’b1000 44.1kHz
4’b1001 48kHz
4'b1010 88.2kHz
4’b1011 96kHz
Others Reserved
www.ti.com
TAS5815
SLOSEA8 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com