Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4431CSK-X Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4431CSK-X
Description  Shunt Regulator With Open Collector Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4431CSK-X Datasheet(HTML) 3 Page - Semtech Corporation

  SC4431CSK-X Datasheet HTML 1Page - Semtech Corporation SC4431CSK-X Datasheet HTML 2Page - Semtech Corporation SC4431CSK-X Datasheet HTML 3Page - Semtech Corporation SC4431CSK-X Datasheet HTML 4Page - Semtech Corporation SC4431CSK-X Datasheet HTML 5Page - Semtech Corporation SC4431CSK-X Datasheet HTML 6Page - Semtech Corporation SC4431CSK-X Datasheet HTML 7Page - Semtech Corporation SC4431CSK-X Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4431
Shunt Regulator With
Open Collector Output
Notes: (1) Only available in tape and reel packaging.
(Suffix ‘.TR’ e.g. SC4431CSK-X.TR).
(2) Where “-X” denotes initial reference voltage toler-
ance. Available options are ±0.5% (-.5), ±1% (-1) and
±2% (-2).
r
e
b
m
u
N
t
r
a
P
)
2
(
)
1
(
e
g
a
k
c
a
P
X
-
K
S
C
1
3
4
4
C
S5
-
3
2
-
T
O
S
Ordering Information
Pin Configurations
(SOT-23-5 Lead
(SOT-23-5 Lead
(SOT-23-5 Lead
(SOT-23-5 Lead
(SOT-23-5 Lead)
(TOP VIEW)
(TOP VIEW)
(TOP VIEW)
(TOP VIEW)
(TOP VIEW)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
C
V
s
i
h
t
s
s
a
p
y
b
o
t
d
e
s
u
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
R
S
E
w
o
l
A
.
1
3
4
4
C
S
e
h
t
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
n
i
e
h
t
s
i
s
i
h
T
.
C
I
e
h
t
t
a
t
h
g
ir
D
N
G
o
t
n
i
p
2D
N
G.
d
n
u
o
r
g
r
e
w
o
p
d
n
a
c
i
g
o
L
3C
N.
n
o
it
c
e
n
n
o
c
o
N
4F
E
R.r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i-
n
o
n
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
s
i
h
T
5T
U
O.r
o
t
c
e
ll
o
c
n
e
p
o
n
a
y
ll
a
it
n
e
s
s
e
,
e
c
i
v
e
d
e
h
t
f
o
n
i
p
t
u
p
t
u
o
e
h
t
s
i
s
i
h
T
m
o
r
f
d
e
r
i
u
q
e
r
s
i
r
o
ti
c
a
p
a
c
)
c
i
m
a
r
e
c
(
R
S
E
w
o
l
F
n
2
2
A
:
e
t
o
N
.
n
o
it
a
r
e
p
o
e
l
b
a
t
s
r
o
f
D
N
G
o
t
n
i
p
s
i
h
t
Pin Descriptions
Block Diagram
Marking Information
4431
Top Mark
Bottom Mark
yyww = Datecode (Example: 9908)
yyww



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com