Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR8 Datasheet(PDF) 5 Page - Supertex, Inc

Part # LR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8 Datasheet(HTML) 5 Page - Supertex, Inc

  LR8_07 Datasheet HTML 1Page - Supertex, Inc LR8_07 Datasheet HTML 2Page - Supertex, Inc LR8_07 Datasheet HTML 3Page - Supertex, Inc LR8_07 Datasheet HTML 4Page - Supertex, Inc LR8_07 Datasheet HTML 5Page - Supertex, Inc LR8_07 Datasheet HTML 6Page - Supertex, Inc LR8_07 Datasheet HTML 7Page - Supertex, Inc LR8_07 Datasheet HTML 8Page - Supertex, Inc LR8_07 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
LR8
Typical Performance Curves
12V
ADJ
V
IN
2.4K
Ω
1.0µF
V
OUT
= 1.2V
12V,
200V,
400V
ADJ
V
IN
2.4KΩ
1.0ΩF
V
OUT
= 1.2V
I
ADJ
T(junction) (
OC)
Temperature Variation
-50
-25
0
255075
100
125
1.00
1.05
1.10
1.15
1.20
1.25
1.30
Adjustment Current
T(junction) (
OC)
-50
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
VIN = 400V
VIN = 12V
VIN = 200V
IOUT (mA)
Load Regulation
02468
10
4.8
4.9
5.0
5.1
5.2
ADJ
V
IN
6.04KΩ
±
1%
18.2KΩ
±
1%
1.0µF
RLOAD
V
OUT
= 5.0V
25V
IOUT
LR8
LR8
LR8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com