Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN3205 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN3205
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN3205 Datasheet(HTML) 2 Page - Supertex, Inc

  VN3205_07 Datasheet HTML 1Page - Supertex, Inc VN3205_07 Datasheet HTML 2Page - Supertex, Inc VN3205_07 Datasheet HTML 3Page - Supertex, Inc VN3205_07 Datasheet HTML 4Page - Supertex, Inc VN3205_07 Datasheet HTML 5Page - Supertex, Inc VN3205_07 Datasheet HTML 6Page - Supertex, Inc VN3205_07 Datasheet HTML 7Page - Supertex, Inc VN3205_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
VN3205
Thermal Characteristics
Package
I
D
(continuous)*
(A)
I
D
(pulsed)
(A)
Power Dissipation
@T
C = 25
OC
(W)
θ
jc
(
OC/W)
θ
ja
(
OC/W)
I
DR
†
(A)
I
DRM
(A)
TO-92
1.2
8.0
1.0
125
170
1.2
8.0
14-Lead PDIP
1.5
8.0
3.0†
41.6†
83.3†
1.5
8.0
TO-243AA
1.5
8.0
1.6 (T
A = 25
O)
15
78‡
1.5
8.0
Notes:
* I
D (continuous) is limited by max rated TJ, TA = 25
OC.
† Total for package.
‡ Mounted on FR5 board, 25mm x 25mm x 1.57mm.
Product Marking
TO-92 (N3)
14-Lead PDIP (P)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
VN3205P
LLLLLLLLLL
CCCCCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
VN
3205
YYWW
W = Code for week sealed
VN2LW
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
50
-
-
V
V
GS = 0V, ID = 10mA
V
GS(th)
Gate threshold voltage
0.8
-
2.4
V
V
GS = VDS, ID = 10mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-4.3
-5.5
mV/OCV
GS = VDS, ID = 10mA
I
GSS
Gate body leakage current
-
1.0
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
--
10
µA
V
GS = 0V,
V
DS = Max Rating
-
-
1.0
mA
V
GS = 0V,
V
DS = 0.8 Max Rating,
T
A = 125
OC
I
D(ON)
ON-state drain current
3.0
14
-
A
V
GS = 10V, VDS = 5.0V
R
DS(ON)
Static drain-to-source
ON-state resistance
TO-92 and
PDIP
-
-
0.45
Ω
V
GS = 4.5V, ID = 1.5A
TO-243AA
-
-
0.45
V
GS = 4.5V, ID = 0.75A
TO-92 and
PDIP
-
-
0.3
V
GS = 10V, ID = 3.0A
TO-243AA
-
-
0.3
V
GS = 10V, ID = 1.5A
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
0.85
1.2
%/OCV
GS = 10V, ID = 3.0A
G
FS
Forward transconductance
1.0
1.5
-
mmho
V
DS = 25V, ID = 2.0A
TO-243AA (SOT-89) (N8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com