Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1404ITSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1404ITSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ITSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1404ITSTR Datasheet HTML 6Page - Semtech Corporation SC1404ITSTR Datasheet HTML 7Page - Semtech Corporation SC1404ITSTR Datasheet HTML 8Page - Semtech Corporation SC1404ITSTR Datasheet HTML 9Page - Semtech Corporation SC1404ITSTR Datasheet HTML 10Page - Semtech Corporation SC1404ITSTR Datasheet HTML 11Page - Semtech Corporation SC1404ITSTR Datasheet HTML 12Page - Semtech Corporation SC1404ITSTR Datasheet HTML 13Page - Semtech Corporation SC1404ITSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC1404
PRELIMINARY
POWER MANAGEMENT
g
n
i
d
a
o
L
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
1
1
5K
7
6
.
2K
9
.
9
4K
5
5
2g
e
M
1
f
e
r
V
n
o
it
a
i
v
e
D
V
m
3
.
8V
m
1
.
3V
m
5
.
0V
m
3
.
0V
m
0
Current Sense (CSH, CSL)
Output current of each supply is sensed at the CSH and CSL pins.
Overcurrent is reached when the current sense voltage exceeds
55mV typical. On a cycle-by-cycle basis, a positive overcurrent
turns off the high-side driver and a negative overcurrent turns off
the low-side driver.
Oscillator
When the SYNC pin is high the oscillator runs at 300kHz; when
SYNC is low the frequency is 200kHz. The oscillator will synchronize
to the falling edge of a clock on the SYNC pin with a frequency
between 240kHz and 350kHz. In general, 200kHz operation
provides highest efficiency, while 300kHz allows for smaller output
ripple and/or smaller filter components.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1404 provides
overtemperature, output overvoltage, and undervoltage
protection. Overtemperature protection will shut the device down
if die temperature exceeds 150
°C, with 10°C hysteresis.
If either SMPS output is more than 10% above its nominal value,
both SMPS are latched off and the low side mosfets are latched
on. To prevent the output from ringing below ground in a fault
condition, a 1A Schottky diode should be placed across each output.
Two different levels of undervoltage (UV) are detected. If the output
falls 9% below its nominal value, the RESET# output is pulled low.
If the output falls 25% below its nominal value, both SMPS are
latched off.
Both of the latched faults (OVP and UV) persist until SHDN or ON3
is toggled, or the V+ input is brought below 1V.
Shutdown and Operating Modes
Holding the SHDN pin low disables the SC1404, reducing the V+
input current to less than 10uA. When SHDN is high, the part
enters standby mode where the VL regulator and VREF are enabled.
Turning on either SMPS will put the SC1404 in run mode.
N
D
H
S3
N
O5
N
OE
D
O
MN
O
I
T
P
I
R
C
S
E
D
w
o
LX
X
-t
u
h
S
n
w
o
d
s
a
i
b
m
u
m
i
n
i
M
t
n
e
r
r
u
c
h
g
i
Hw
o
Lw
o
Ly
b
d
n
a
t
SL
V
d
n
a
F
E
R
V
r
o
t
a
l
u
g
e
r
e
l
b
a
n
e
h
g
i
Hh
g
i
Hh
g
i
Hn
u
R
e
d
o
M
S
P
M
S
h
t
o
B
g
n
i
n
n
u
R
Power up Controls and Soft Start
The user controls the SC1404 RESET# through the SEQ, ON3 and
ON5 pins, as shown in the Startup Sequence Chart. At startup,
RESET# is held low for 32K switching cycles, and then RESET# is
determined by the output voltages and the SEQ pin.
To prevent surge currents at startup, each SMPS has a counter
and DAC to incrementally raise the current limit (CSH-CSL voltage).
The current limit follows discrete steps of typically 25%, 40%, 60%,
80%, and 100%, each step lasting 128 clock cycles. To charge up
the output capacitors, inductor current at startup must exceed
load current. When the output voltage reaches it’s nominal value
the SMPS will reduce duty cycle, but the excess LI2 energy of the
inductor must flow into the load and output capacitors. If the
output capacitor is relatively small, the peak output voltage can
approach the overvoltage trip point. To prevent nuisance OVP at
startup, the inductance and capacitance must meet the following
criteria:
59
.
1
2
2
_
_
⋅
≤
OC
MAX
NOM
O
MIN
MAX
IL
V
C
L
IL
MAX_OC is the maximum inductor current set by the current-limit
components, and V
O_NOM is the nominal output voltage.
12OUT Supply
The 12OUT linear regulator is capable of supplying 200mA. The
input voltage to the 12OUT regulator is generated by a secondary
winding on the 5V SMPS inductor.
A heavy load on the 12OUT regulator when the 5V SMPS operates
in PSAVE mode will cause VDD to sag, causing 12OUT to drop. If
12OUT output drops 0.8% from its nominal value, the 5V SMPS is
forced out of PSAVE mode and into PWM mode for several cycles.
This recharges the bulk input capacitor on VDD.
The 12OUT linear regulator has internal protection to prevent
damage under short circuit conditions. Overvoltage protection is
provided on the VDD input. If VDD rises above 19V, a 10mA shunt
load is applied to VDD to reduce the voltage. The overvoltage
threshold has 0.5V hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com