Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1404ISSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1404ISSTR
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1404ISSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1404ISSTR Datasheet HTML 1Page - Semtech Corporation SC1404ISSTR Datasheet HTML 2Page - Semtech Corporation SC1404ISSTR Datasheet HTML 3Page - Semtech Corporation SC1404ISSTR Datasheet HTML 4Page - Semtech Corporation SC1404ISSTR Datasheet HTML 5Page - Semtech Corporation SC1404ISSTR Datasheet HTML 6Page - Semtech Corporation SC1404ISSTR Datasheet HTML 7Page - Semtech Corporation SC1404ISSTR Datasheet HTML 8Page - Semtech Corporation SC1404ISSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC1404
POWER MANAGEMENT
Electrical Characteristics Cont.
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
s
d
l
o
h
s
e
r
h
T
t
i
m
i
L
-
t
n
e
r
r
u
C
)
2
e
t
o
N
(
H
S
C
X
L
S
C
-
X
)
t
n
e
r
r
u
c
e
v
it
i
s
o
p
(
H
S
C
X
L
S
C
-
X
)
t
n
e
r
r
u
c
e
v
it
a
g
e
n
(
0
45
5
0
5
-
0
7V
m
d
l
o
h
s
e
r
h
T
g
n
i
s
s
o
r
C
o
r
e
ZH
S
C
X
L
S
C
-
X
d
e
t
s
e
t
t
o
n
,
V
0
=
#
E
V
A
S
P5
V
m
e
m
i
T
p
m
a
R
t
r
a
t
S
-
t
f
o
S
,
t
i
m
il
t
n
e
r
r
u
c
ll
u
f
%
5
9
o
t
e
l
b
a
n
e
m
o
r
F
f
o
t
t
c
e
p
s
e
r
h
t
i
w
C
S
O
2
1
5s
k
l
c
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OL
V
=
C
N
Y
S
V
0
=
C
N
Y
S
0
2
2
0
7
1
0
0
3
0
0
2
0
8
3
0
3
2
z
H
k
r
o
t
c
a
F
y
t
u
D
m
u
m
i
x
a
ML
V
=
C
N
Y
S
V
0
=
C
N
Y
S
2
9
4
9
4
9
6
9
%
e
s
l
u
P
h
g
i
H
t
u
p
n
I
C
N
Y
Sd
e
t
s
e
t
t
o
N0
0
3s
n
e
s
l
u
P
w
o
L
t
u
p
n
I
C
N
Y
S
h
t
d
i
W
d
e
t
s
e
t
t
o
N0
0
3
e
m
i
T
ll
a
F
/
e
s
i
R
C
N
Y
Sd
e
t
s
e
t
t
o
N0
0
2
y
c
n
e
u
q
e
r
F
t
u
p
n
I
C
N
Y
S
e
g
n
a
R
-
0
4
2
0
5
3
z
H
k
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V
0
.
5
=
5
H
S
C
,
V
3
.
3
=
3
H
S
C3
0
1A
µ
P
M
A
R
O
R
R
E
n
i
a
G
p
o
o
L
C
D
5
P
M
O
C
/
3
P
M
O
C
o
t
e
d
o
n
k
c
a
b
d
e
e
f
l
a
n
r
e
t
n
i
m
o
r
F8
1V
/
V
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
G
8z
H
M
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
P
M
O
C
,
3
P
M
O
C5
2s
m
h
o
K
E
C
N
E
R
E
F
E
R
D
N
A
R
O
T
A
L
U
G
E
R
L
A
N
R
E
T
N
I
e
g
a
t
l
o
V
t
u
p
t
u
O
L
V,
V
0
3
<
+
V
<
V
6
;
+
V
=
#
N
D
H
S
I
<
A
m
0
D
A
O
L
V
0
=
5
N
O
=
3
N
O
,
A
m
0
3
<
6
.
45
2
.
5V
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
L
V
d
l
o
h
s
e
r
h
T
t
l
u
a
F
V
7
.
0
=
s
i
s
e
r
e
t
s
y
h
,
e
g
d
e
g
n
il
l
a
F5
.
37
.
31
.
4
t
u
o
k
c
o
L
r
e
v
o
h
c
t
i
w
S
L
Ve
g
d
e
g
n
i
s
ir
-
p
u
t
r
a
t
s
t
a
r
e
v
o
h
c
t
i
w
S5
.
4
e
g
a
t
l
o
V
t
u
p
t
u
O
F
E
Rd
a
o
l
l
a
n
r
e
t
x
e
o
N5
4
.
25
.
25
5
.
2
n
o
it
a
l
u
g
e
R
d
a
o
L
F
E
RI
<
A
µ
0
D
A
O
L
A
µ
0
5
<5
.
2
1V
m
I
<
A
m
0
D
A
O
L
A
m
5
<0
5
Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = 0V, VL load = 0mA, REF load = 0mA, PSAVE# = 0V, T
A =-40 to 85°C.
Typical values are at T
A = +25°C. Circuit = Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com