Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC11230CSK.TR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC11230CSK.TR
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC11230CSK.TR Datasheet(HTML) 3 Page - Semtech Corporation

  SC11230CSK.TR Datasheet HTML 1Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 2Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 3Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 4Page - Semtech Corporation SC11230CSK.TR Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ã 2001 Semtech Corp.
www.semtech.com
SC112
POWER MANAGEMENT
PRELIMINARY
Note:
(1) As the load resistance further decreases, the SC112 folds back the output current to approximately 100mA at
VO = 0V.
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C, VIN = (VO(NOM) + 1V), CIN = 1µF, CBYP = 10nF, CO = 1µF. Values in bold apply over full operating temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
).
t
n
o
C
(
O
V
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
)
D
A
O
L
(
I
O
A
m
0
6
o
t
A
m
1
=5
.
7
5
3
V
m
I
O
A
m
0
0
1
o
t
A
m
1
=0
2
5
6
I
O
A
m
0
5
1
o
t
A
m
1
=5
3
0
1
1
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
D
/
O
V DT
I
O
A
m
0
1
=0
4C
°
/
m
p
p
ti
m
i
L
t
n
e
rr
u
C
)
1
(
I
M
I
L
0
8
1
0
0
2A
m
e
g
a
tl
o
V
t
u
o
p
o
r
DV
D
I
O
A
m
0
6
=0
3
10
5
1V
m
0
8
1
I
O
A
m
0
0
1
=5
6
15
9
1
5
2
2
I
O
A
m
0
5
1
=0
0
25
4
2
5
7
2
o
it
a
R
n
o
it
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PR
R
S
PV
C
A
V
m
0
0
1
=
S
M
R
I
,
z
H
0
0
4
=
f
,
O
A
m
0
3
=
0
6B
d
e
g
a
tl
o
V
e
s
i
o
N
t
u
p
t
u
Oe
n
z
H
0
1
£ f £
I
,
z
H
k
0
8
O
A
m
0
6
=
0
3V
µ
S
M
R
P
Y
B
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
s
s
a
p
y
B
e
s
i
o
NV
P
Y
B
0
5
2
.
1V
N
E
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
EV
H
I
N
O
t
u
p
t
u
O
8
.
1
V
V
L
I
F
F
O
t
u
p
t
u
O
5
.
0
t
n
e
rr
u
C
s
a
i
B
t
u
p
n
I
e
l
b
a
n
EI
N
E
V
N
E
N
O
t
u
p
t
u
O
,
V
8
.
1
=6
0
1
A
µ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com