Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC11236CSK.TR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC11236CSK.TR
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC11236CSK.TR Datasheet(HTML) 1 Page - Semtech Corporation

  SC11236CSK.TR Datasheet HTML 1Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 2Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 3Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 4Page - Semtech Corporation SC11236CSK.TR Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.semtech.com
SC112
150mA Ultra Low Dropout
Micropower Linear Regulator
POWER MANAGEMENT
PRELIMINARY
Revision 1, January 2001
The SC112 is a 150mA ultra low dropout linear regulator
with a built in CMOS/TTL logic level enable, designed
specifically for battery powered applications where low
quiescent current and low dropout are critical for battery
longevity.
The SC112 uses a Semtech proprietary internal PNP
device for the pass element, providing a low dropout
voltage of 130mV at a load of 60mA.
The output noise is reduced to 30µV (typical) by placing a
very low leakage 10nF capacitor on pin 3 (noise bypass).
Each device contains a bandgap reference, error
amplifier, PNP pass element, thermal and current
limiting circuitry and resistor divider network for setting
output voltage.
The SC112 is packaged in a six lead SOT-23 surface
mount package for a very small footprint and it requires
only a 1µF capacitor on the output and a 0.01µF on the
bypass pin for a minimum number of external
components.
u Battery powered systems
u Cellular telephones
u Cordless telephones
u Pagers
u Personal digital assistants
u Portable instrumentation
u Low voltage systems
u Low dropout voltage
u CMOS/TTL compatible control switch
u Very low quiescent current 60µA (ON, no load)
u Internal thermal shutdown
u Short circuit protection
u Very low standby current 0.1µA maximum (OFF)
u Low noise with external bypass capacitor
u Industrial temperature range
u SOT-23-6 package
VIN
VO
EN
U1 SC112
1
2
3
4
5
6
EN
GND
BYP
VO
GND
VIN
C1
10nF
C2
1uF
C3
1uF
Description
Features
Applications
Typical Application Circuit
Notes:
(1) C
IN (C3) is needed if the device is far from the supply’s filter capacitors, or for operation from a battery. A value
of 1.0µF or greater should be used. C
IN may be tantalum or ceramic.
(2) C
O (C2) should be a 1µF or greater tantalum or ceramic capacitor, with an Equivalent Series Resistance (ESR)
between 10mW and 1W over temperature. Larger value capacitors will improve the overall transient response.
(3) C
BYP (C1 - required) should be placed as close as possible to pin 3 and ground. A 10nF ceramic capacitor is
recommended.
(4) EN may be tied to V
IN if the shutdown feature is not required. Maximum EN voltage = VIN.
(5) Connect both ground pins (2 and 5) to ground to maximize heat conduction.


Similar Part No. - SC11236CSK.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Littelfuse
SC1122-01UTG LITTELFUSE-SC1122-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
More results

Similar Description - SC11236CSK.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com