Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1454XIMSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1454XIMSTRT
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1454XIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 11Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 12Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 13Page - Semtech Corporation SC1454XIMSTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
Output Spectral Noise Density vs. Frequency
vs. Bypass Capacitance
Output Spectral Noise Density vs. Frequency
vs. Output Current
PSRR vs. Frequency vs. Output Voltage
(C
BYP = 10nF)
PSRR vs. Frequency vs. Output Voltage
(C
BYP = 100nF)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 10nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 100nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.8V
VIN = 2.8V
IOUT = 50mA
CBYP = 10nF
CIN = 1µF
TJ = 25°C
Left to right:
COUT = 44µF
COUT = 22µF
COUT = 10µF
COUT = 2.2µF
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
CBYP = 100pF
CBYP = 1nF
CBYP = 10nF
CBYP = 100nF
CBYP = 1µF
VOUT = 1.8V
VIN = 2.8V
IOUT = 50mA
CIN = 1µF
COUT = 2.2µF
TJ = 25°C
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.8V
VIN = 2.8V
CIN = 1µF
CBYP = 10nF
COUT = 2.2µF
TJ = 25°C
Top to bottom:
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com