Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC11250CSK.TR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC11250CSK.TR
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC11250CSK.TR Datasheet(HTML) 4 Page - Semtech Corporation

  SC11250CSK.TR Datasheet HTML 1Page - Semtech Corporation SC11250CSK.TR Datasheet HTML 2Page - Semtech Corporation SC11250CSK.TR Datasheet HTML 3Page - Semtech Corporation SC11250CSK.TR Datasheet HTML 4Page - Semtech Corporation SC11250CSK.TR Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ã 2001 Semtech Corp.
www.semtech.com
SC112
POWER MANAGEMENT
PRELIMINARY
Notes:
(1) Where XX denotes voltage options. Available voltages
are: 2.2V (22), 2.5V (25), 2.8V (28), 3.0V (30), 3.3V (33),
3.6V (36), 3.8V (38), 4.0V (40) and 5.0V (50). Contact
factory for additional voltage options.
(2) Only available in tape and reel packaging. A reel
contains 3000 devices.
e
c
i
v
e
D
)
2
()
1
(
e
g
a
k
c
a
P
R
T
.
K
S
C
X
X
2
1
1
C
S6
-
3
2
-
T
O
S
Top View
n
i
Pn
i
P
e
m
a
N
n
o
it
c
n
u
F
n
i
P
1N
Et
o
n
fi
N
I
V
o
t
t
c
e
n
n
o
C
.
n
i
p
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
.
d
e
s
u
g
n
i
e
b
2D
N
Gh
ti
w
g
n
o
l
a
g
n
i
k
n
i
s
t
a
e
h
r
o
f
e
s
U
.
n
i
p
d
n
u
o
r
G
.
5
#
n
i
P
3P
Y
BF
n
0
1
a
t
c
e
n
n
o
C
.
n
i
p
s
s
a
p
y
b
e
s
i
o
N
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
)
d
e
ri
u
q
e
r
(
r
o
ti
c
a
p
a
c
.
D
N
G
4O
Vd
e
e
t
n
a
r
a
u
g
a
g
n
i
y
l
p
p
u
s
,t
u
p
t
u
o
r
o
t
a
l
u
g
e
R
.
A
m
0
5
1
5D
N
Gh
ti
w
g
n
o
l
a
g
n
i
k
n
i
s
t
a
e
h
r
o
f
e
s
U
.
n
i
p
d
n
u
o
r
G
.
2
#
n
i
P
6N
I
V.
n
i
p
t
u
p
n
i
r
e
w
o
P
SOT-23-6
Pin Configuration
Ordering Information
Block Diagram
Pin Descriptions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com