Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1456XIMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1456XIMSTRT
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456XIMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1456XIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1456XIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC1456
POWER MANAGEMENT
w
o
l
e
b
n
w
o
h
s
r
e
tt
e
l
e
h
t
y
b
)
R
T
S
M
I
X
6
5
4
1
C
S
(
r
e
b
m
u
n
t
r
a
p
e
h
t
n
i
X
e
c
a
l
p
e
R
:
s
n
o
it
p
o
e
g
a
tl
o
v
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
r
o
f
XV
1
T
U
O
)
V
(V
2
T
U
O
)
V
(
A5
.
25
.
2
B8
.
28
.
2
C0
.
30
.
3
D3
.
33
.
3
Notes:
(1) Where X denotes voltage options - see table below.
Consult factory for other voltage options.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
(3) Lead free product. Fully WEEE and RoHS compliant.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
R
T
S
M
I
X
6
5
4
1
C
S
)
2
(
)
1
(
0
1
-
P
O
S
M
T
R
T
S
M
I
X
6
5
4
1
C
S
)
3
(
)
2
(
)
1
(
0
1
-
P
O
S
M
Top View
MSOP-10
Pin Configuration
Ordering Information
Voltage Options



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com