Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112STR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 8Page - Semtech Corporation SC1112STR Datasheet HTML 9Page - Semtech Corporation SC1112STR Datasheet HTML 10Page - Semtech Corporation SC1112STR Datasheet HTML 11Page - Semtech Corporation SC1112STR Datasheet HTML 12Page - Semtech Corporation SC1112STR Datasheet HTML 13Page - Semtech Corporation SC1112STR Datasheet HTML 14Page - Semtech Corporation SC1112STR Datasheet HTML 15Page - Semtech Corporation SC1112STR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
128
130
132
134
136
138
140
142
0
102030405060
70
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
3.2820
3.2830
3.2840
3.2850
3.2860
3.2870
3.2880
3.2890
3.2900
0
10203040506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
3.2820
3.2830
3.2840
3.2850
3.2860
3.2870
3.2880
3.2890
3.2900
0
10203040
506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
Typical Characteristics (Cont.)
1.5005
1.5010
1.5015
1.5020
1.5025
1.5030
1.5035
1.5040
1.5045
1.5050
1.5055
0
10203040
506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
AGP (1.5V) Output Voltage @ Io = 0A vs Ta
AGP (3.3V) Output Voltage @ Io = 0A vs Ta
AGP Sense Bias current vs Ta
1.4985
1.4990
1.4995
1.5000
1.5005
1.5010
1.5015
1.5020
1.5025
1.5030
1.5035
0
10203040506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
AGP (1.5V) Output Voltage @ Io = 2A vs Ta
AGP (3.3V) Output Voltage @ Io = 2A vs Ta
600
650
700
750
800
850
900
0
1020
30405060
70
Ta (°C.)
Sink current
Source current
AGP Gate Current @ Vgate = 3V, 5V Stby = 4.75 vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com