Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4609EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4609EVB
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4609EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4609EVB Datasheet HTML 1Page - Semtech Corporation SC4609EVB Datasheet HTML 2Page - Semtech Corporation SC4609EVB Datasheet HTML 3Page - Semtech Corporation SC4609EVB Datasheet HTML 4Page - Semtech Corporation SC4609EVB Datasheet HTML 5Page - Semtech Corporation SC4609EVB Datasheet HTML 6Page - Semtech Corporation SC4609EVB Datasheet HTML 7Page - Semtech Corporation SC4609EVB Datasheet HTML 8Page - Semtech Corporation SC4609EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC4609
POWER MANAGEMENT
Note: (1). Guaranteed by design.
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
ll
a
r
e
v
O
e
g
a
tl
o
V
y
l
p
p
u
S
5
.
5V
p
e
e
l
S
,t
n
e
r
r
u
C
y
l
p
p
u
SV
0
=
T
E
S
F0
15
1A
µ
g
n
it
a
r
e
p
O
,t
n
e
r
r
u
C
y
l
p
p
u
SV
C
C
=V
5
.
52
5
7
.
3A
m
d
l
o
h
s
e
r
h
T
n
o
-
n
r
u
T
C
C
VT
A
C
°
5
8
o
t
C
°
0
4
-
=7
.
2V
s
i
s
e
r
e
t
s
y
H
ff
o
-
n
r
u
T
C
C
V
0
5
3V
m
r
e
i
f
il
p
m
A
r
o
r
r
E
e
g
a
tl
o
V
t
u
p
n
I
)
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
n
I
(
T
A
C
°
5
2
=5
9
4
.
05
.
05
0
5
.
0
V
V
C
C
T
,
V
5
.
5
-
V
7
.
2
=
A
C
°
5
2
=5
2
9
4
.
05
.
05
7
0
5
.
0
T
A
C
°
5
8
o
t
C
°
0
4
-
=5
2
9
4
.
05
7
0
5
.
0
t
n
e
r
r
u
C
s
a
i
B
E
S
N
E
S
VV
E
S
N
E
S
V
5
.
0
=0
0
2A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
V
P
M
O
C
V
5
.
2
o
t
5
.
0
=0
9B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
8z
H
M
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )6
V
D
N
G
P
3
.
0
±V
s
t
n
e
r
r
u
C
)
L
V
R
D
,
H
V
R
D
(
s
r
e
v
ir
D
t
u
p
t
u
O
s
u
o
u
n
it
n
o
C
k
a
e
P
5
2
.
0
±A
0
0
.
1
±A
)
S
S
,
T
E
S
I
,
T
E
S
F
,
P
M
O
C
,
E
S
N
E
S
V
(
s
t
u
p
n
I
6
o
t
3
.
0
-V
T
S
B
2
1V
E
S
A
H
P
6
o
t
3
.
0
-V
s
n
0
5
<
e
s
l
u
p
t
e
s
l
u
P
E
S
A
H
P
7
o
t
2
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1
+C
°
s
0
4
-
0
1
,
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
k
a
e
PT
G
K
P
0
6
2C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E4
V
k
All voltages with respect to AGND. Currents are positive into, negative out of the specified terminal.
Unless otherwise specified, VCC = 3.3V, CT = 270pF, T
A = -40°C to 85°C, TA=TJ
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com