Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4517AIMSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4517AIMSTRT
Description  1.25MHz, 1.5A Step-Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4517AIMSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4517AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4517AIMSTRT Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4517A
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Land Pattern - MLPD-8, 3 x 3mm
Outline Drawing - MLPD-8, 3 x 3mm
PIN 1
INDICATOR
(LASER MARK)
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS.
2.
1.
.003
.010
.059
8
.012
.065
-
.000
.031
.001
.035
(.008)
0.08
0.30
8
.014
.069
0.25
1.50
.039
-
.002
-
0.00
0.80
1.75
0.35
1.65
-
0.05
1.00
(0.20)
0.02
0.90
.004
0.10
0.65 BSC
.026 BSC
0.30
.012
.020
.016
0.40
0.50
A
aaa C
A2
SEATING
PLANE
A1
A
bxN
bbb
C A B
B
e
C
LxN
e/2
E
E
.088
.094
.098 2.23
2.38
2.48
N
2
1
aaa
bbb
NOM
INCHES
b
E
L
N
e
D
C
A1
A2
DIM
A
MIN
DIMENSIONS
MILLIMETERS
MAX MIN
MAX
NOM
.114
.118
.122 2.90
3.00
3.10
D
C
X
P
Z
Y
H
C
K
G
.030
.146
(.116)
.102
.087
.067
0.75
3.70
(2.95)
2.20
2.58
1.70
0.40
0.65
.026
.016
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
INCHES
DIMENSIONS
P
Z
X
Y
C
G
H
K
DIM
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com