Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1486AITSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1486AITSTRT
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AITSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1486AITSTRT Datasheet HTML 1Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 2Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 3Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 4Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 5Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
s
e
il
p
p
u
S
t
u
p
n
I
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SV
0
=
1
V
S
P
/
N
E5
-0
1
-A
µ
2
A
C
C
V
,
1
A
C
C
V5
0
1A
µ
1
P
D
D
V
,
2
N
O
T
,
1
N
O
T0
1
A
µ
r
e
ll
o
r
t
n
o
C
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
N
O
n
r
u
T
1
B
F
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V0
0
5
.
0%
1
-%
1
+V
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
t
u
O
Q
D
D
V
5
.
0A
C
C
VV
y
ti
li
b
a
p
a
C
e
c
r
u
o
S
T
U
O
F
E
R
3A
m
y
c
a
r
u
c
c
A
C
D
T
U
O
F
E
R5
2
.
1
=
N
I
F
E
R
,
d
a
o
l
o
n4
2
.
16
2
.
18
3
2
.
12
6
2
.
1V
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
N
O
n
r
u
T
2
B
F
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V
T
U
O
F
E
RT
U
O
F
E
R
V
m
0
1
-
T
U
O
F
E
R
V
m
0
1
+
V
V
5
.
2
=
T
A
B
V
,
e
m
i
T
-
n
OR
N
O
T
M
1
=
Ω
V
5
2
.
1
=
T
U
O
V
,1
6
7
17
9
4
15
2
0
2s
n
R
N
O
T
k
0
0
5
=
Ω
V
5
2
.
1
=
T
U
O
V
,6
3
96
9
76
7
0
1s
n
e
m
i
T
ff
O
m
u
m
i
n
i
M
0
0
40
5
5s
n
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
T
U
O
V
)
r
e
ll
o
r
t
n
o
C
Q
D
D
V
(
0
0
5k
Ω
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
1
B
F
0
.
1
-0
.
1
+A
µ
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
2
B
F
5
.
2A
µ
g
n
i
s
n
e
S
t
n
e
r
r
u
C
-
r
e
v
O
t
n
e
r
r
u
C
e
c
r
u
o
S
M
I
L
Ih
g
i
H
L
D0
19
1
1A
µ
t
e
s
ff
O
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
CM
I
L
I
-
D
N
G
P0
1
-0
1
+V
m
E
V
A
S
P
d
l
o
h
s
e
r
h
T
g
n
i
s
s
o
r
C
-
o
r
e
ZX
L
-
D
N
G
P
V
5
=
1
V
S
P
/
N
E
5V
m
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
)
e
v
it
i
s
o
P
(
ti
m
i
L
t
n
e
r
r
u
C
)
2
(
)
X
L
-
D
N
G
P
(
R
M
I
L
I
k
5
=
Ω
0
55
35
6V
m
R
M
I
L
I
k
0
1
=
Ω
0
0
10
80
2
1V
m
R
M
I
L
I
k
0
2
=
Ω
0
0
20
7
10
3
2V
m
)
e
v
it
a
g
e
N
(
ti
m
i
L
t
n
e
r
r
u
C
)
X
L
-
D
N
G
P
(
5
2
1
-0
6
1
-0
9
-V
m
Test Conditions: V
BAT = 15V, EN/PSV1 = 5V, REFIN=1.25V, VCCA1 = VDDP1 = VCCA2 =VDDP2= 5.0V, VVDDQ = 2.5, VVTT = 1.25, RTON1 = 1M, RTON2 = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com