Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2677B Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 3 Page - Semtech Corporation

  SC2677B Datasheet HTML 1Page - Semtech Corporation SC2677B Datasheet HTML 2Page - Semtech Corporation SC2677B Datasheet HTML 3Page - Semtech Corporation SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
V
=
B
F
5
9
4
.
00
0
5
.
05
0
5
.
0V
V
T
U
O
V
=
,
B
F
5
2
1
o
t
0
4
-
o
C2
9
4
.
00
0
5
.
08
0
5
.
0V
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
5
.
45
1V
t
n
e
r
r
u
C
y
l
p
p
u
SV
C
C
0
.
5
=0
1A
m
O
L
V
UV
C
C
d
l
o
h
s
e
r
h
T
p
u
p
m
a
R4
8
.
2V
s
i
s
e
r
e
t
s
y
H
O
L
V
UV
C
C
0
0
1V
m
e
c
n
e
r
e
f
e
R
5
.
0V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
e
c
n
e
r
e
f
e
RV
F
E
R
A
u
0
0
1
~
A
u
0
1
e
c
r
u
o
s2
.
0%
n
o
i
t
a
l
u
g
e
R
e
n
i
L
e
c
n
e
r
e
f
e
RV
5< V
C
C
<V
5
17
.
0%
n
o
i
t
a
l
u
g
e
R
e
n
i
L
t
u
p
t
u
OV
5< V
N
I
<V
5
17
.
0%
)
r
e
i
f
i
l
p
m
A
r
o
r
r
E
(
)
m
G
(
n
i
a
G
A
u
0
0
1
e
c
r
u
o
s
n
i
p
P
M
O
C4
5
6
V
/
A
m
)
r
e
i
f
i
l
p
m
A
r
o
r
r
E
e
v
a
l
S
(
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
3
-1
-0
V
m
)
r
e
i
f
i
l
p
m
A
r
o
r
r
E
(
t
n
e
r
r
u
C
x
a
Mk
n
i
S
,
e
c
r
u
o
S0
0
40
6
4A
µ
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I2
N
I
-
,
2
N
I
+
,
1
N
I
-2
A
µ
Unless Specified: V
CC = 4.75 to 5.25V, GND = PGND = 0V, FB = VO, TJ = 25°C, VBSTC = VBST = 12V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
t
i
m
i
Ls
t
i
m
i
L
s
t
i
m
i
L
s
t
i
m
i
Ls
t
i
m
i
Ls
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
V
C
C
D
N
G
o
tV
IN
5
1
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
P
1
±V
D
N
G
o
t
2
T
S
B
,
1
T
S
B
0
3
o
t
3
.
0
-V
D
N
G
o
t
C
T
S
B
0
2
o
t
3
.
0
-V
D
N
G
o
t
2
N
I
-
/
+
,
1
N
I
-
7V
D
N
G
o
t
2
P
M
O
C
,
1
P
M
O
C
7V
D
N
G
o
t
2
H
D
,
1
H
D
)
6
(
0
3
o
t
3
.
0
-V
D
N
G
o
t
2
L
D
,
1
L
D
3
.
0
+
C
T
S
B
o
t
3
.
0
-V
S
n
0
5
(
k
a
e
p
3
-) )
1
(
V
-
2
S
C
,
+
2
S
C
,
-
1
S
C
,
+
1
S
C
7V
D
N
G
o
t
D
G
R
W
P
V
C
C
3
.
0
+V
G
N
I
S
A
H
P
7V
D
N
G
o
t
A
N
E
/
S
S
7
o
t
3
.
0
-V
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
4
2
-
P
O
S
S
T
P
D
E
4
2
-
P
O
S
S
T
θ
C
J
7
1
5
.
5
W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
4
2
-
P
O
S
S
T
P
D
E
4
2
-
P
O
S
S
T
θ
A
J
0
9
2
3
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
OT
A
5
8
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
Exceeding the specifications below may result in device malfunction or permanent damage to the device. Operation beyond the parameters specified in
the “Electrical Characteristics” section is not recommended.
Electrical Characteristics
Absolute Maximum Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com