Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH3003IMLTR Datasheet(PDF) 18 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SH3003IMLTR Datasheet HTML 14Page - Semtech Corporation SH3003IMLTR Datasheet HTML 15Page - Semtech Corporation SH3003IMLTR Datasheet HTML 16Page - Semtech Corporation SH3003IMLTR Datasheet HTML 17Page - Semtech Corporation SH3003IMLTR Datasheet HTML 18Page - Semtech Corporation SH3003IMLTR Datasheet HTML 19Page - Semtech Corporation SH3003IMLTR Datasheet HTML 20Page - Semtech Corporation SH3003IMLTR Datasheet HTML 21Page - Semtech Corporation SH3003IMLTR Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
Application Information (continued)
Using the ±4ppm, 32.768kHz clock from the LF oscillator, the Real-Time Clock module keeps time with a maximum
error as low as two minutes per year. This compares favorably with a conventional error of two minutes per month for
the typical RTC chip.
The hardware of the Real-Time Clock is capable of 179-years of calendar operations (see Figure 6). All counting-chain
values are loaded at the same time into corresponding registers when the Fractions register is read. All values from
registers are loaded into the counting-chain when the Fractions register is written. The RTC continues normal opera-
tions when VDD is absent, if backup power is available.
Real-Time Clock
14
Figure 6. Real Time Clock and Periodic Interrupt / Wakeup timer
IO/INT
16-bit Counter
Days (BIN)
0 - 65535
256 Hz
32-bit Time Interval
32-bit Counter
32-bit Comparator
32-bit Latch
Interrupt
Logic
Serial I/O
RESET
256
60
60
24
1 Hz
LSB
MSB
Minutes
(BCD)
0 - 59
Seconds
(BCD)
0 - 59
Fractions
(BIN)
0 - 255
Hours
(BCD)
0 - 23
32-bit Latch
LOAD
LOAD
LSB
Current Timer
Value
LSB
MSB
32.768 kHz
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com