Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPDQT12V-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQT12V-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT12V-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQT12V-HF Datasheet HTML 1Page - Comchip Technology CPDQT12V-HF Datasheet HTML 2Page - Comchip Technology CPDQT12V-HF Datasheet HTML 3Page - Comchip Technology CPDQT12V-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (CPDQT12V-HF)
SMD ESD Protection Diode
0
20
40
60
80
100
120
Fig.2 - Pulse Waveform-8/20µs
Time, (µs)
Fig.1 - Pulse Waveform-
ESD (IEC 61000-4-2)
0
60
30
Time, (ns)
10%
90%
100%
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JP092
REV:A
0
10
15
20
25
30
5
100%Ipp, 8µs
e-t
50%Ipp, 20µs
60ns
30ns
tr 0.7 to 1ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com