Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101S2PS3B Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 101S2PS3B
Description  Acid Leak Detection (ALD) Assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

101S2PS3B Datasheet(HTML) 2 Page - Ashcroft, Inc.

  101S2PS3B Datasheet HTML 1Page - Ashcroft, Inc. 101S2PS3B Datasheet HTML 2Page - Ashcroft, Inc. 101S2PS3B Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. ald2_gauges_ds_RevF_03-23-22
ashcroft.com
info@ashcroft.com
1.800.385-0635
Acid Leak Detection (ALD) Assembly
Brochure
Data Sheet
ORDERING CODE
Example:
45 ALD
1
S
1P
P
04
G 100# -XOC
Dial Size
45 - 41/2˝ dial (available only with cases 1 and 2)
45
10 - 100mm dial (available only with case 3)
Assembly
ALD - Acid leak detection
ALD
Case
1 - 1279 (available only with dial size 41/2˝)
1
2 - 1259 (available only with dial size 41/2˝)
3 - T6500 (available only with dial size 100mm)
Bourdon Tube & Gauge Process Connection
S - 316 Stainless steel
S
P - Monel®
Diaphram Seal and Material
1S (510) - 316L Stainless steel
1P (510) - Monel® (available only with (P-Monel®) lower housing)
1P
1H (510) - Hastelloy® C-276
1U (510) - Tantalum
2S (DF) - 316L Stainless steel
2P (DF) - Monel® (Monel diaphragm with 316L top housing and flange)
2M (DF) - Monel® (Monel diaphragm with Monel top housing and flange)
2H (DF) - Hastelloy® C-276
2U (DF) - Tantalum
Lower Housing Material (510 seal only)
N - No lower housing for DF seal
S - 316L Stainless steel
P - Monel® (available only with (P-Monel®) diaphragm material)
P
H - Hastelloy® C-276
B - Hastelloy B
Process Connection Size and Type
04 - 1/2 NPT Male
04
1A - 1˝ 150RF Flange DF seal
1B - 1˝ 300RF Flange DF seal
1C - 1˝ 600RF Flange DF seal
1D - 1.5˝ 150RF Flange DF seal
1E - 1.5˝ 300RF Flange DF seal
1F - 1.5˝ 600RF Flange DF seal
2A - 2˝ 150RF Flange DF seal
2B - 2˝ 300RF Flange DF seal
2C - 2˝ 600RF Flange DF seal
2D - 2˝ 1500RF Flange DF seal
3A - 3˝ 150RF Flange DF seal
3B - 3˝ 300RF Flange DF seal
3C - 3˝ 600RF Flange DF seal
3D - 3˝ 900RF Flange DF seal
3E - 3˝ 1500RF Flange DF seal
System Fill Fluid
G - Glycerin
G
S - Silicone
H - Halocarbon®
Range (see data sheet)
100# - 100 psi
100#
Options (if in choosing an option(s) must include an “X”)
-X_
D3 - DuraVis™ Retroreflective Dial (dry case only)
HP - High pressure seal option for ranges 2,000 psi to 10,000 psi
LL -
PLUS!™ Performance (1279, T6500 only)
NZ - Silcone free
PLUS!™ Performance (1279, T6500 only)
OC - Orange case (available only with case 1)
OC
PD - Acrylic window (recommended for HF applications)
YC - Yellow case (available only with case 1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com