Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4810BITSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4810BITSTRT
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810BITSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC4810BITSTRT Datasheet HTML 1Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 2Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 3Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 4Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 5Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 6Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 7Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 8Page - Semtech Corporation SC4810BITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC4810B/E
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
n
o
i
t
c
e
S
y
l
p
p
u
S
e
g
a
tl
o
V
y
l
p
p
u
S
5
1V
I
D
D
V
D
D
,
V
5
1
=NO LOAD
5
.
35
.
4A
m
I
D
D
n
w
o
d
t
u
h
SS
S= V
00
0
10
5
2A
µ
n
o
i
t
c
e
S
p
m
a
R
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
p
m
a
l
C
p
m
a
R
3V
)
n
o
i
s
r
e
v
E
/
B
(
n
o
i
t
c
e
S
O
L
V
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
84
.
88
.
8V
s
i
s
e
r
e
t
s
y
H
2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
D
D
9
1V
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
5
2A
m
O
L
V
U
LV
O
L
V
U
L
0
1V
C
N
Y
S
,
P
M
A
R
,
S
C
,
B
F
,
T
C
R
,
X
A
M
D
,
S
S
V
o
t
V
3
.
0
-
F
E
R
V
3
.
0
+V
F
E
R
V
t
n
e
r
r
u
CI
F
E
R
5
1A
m
O
L
V
U
L
t
n
e
r
r
u
CI
O
L
V
U
L
1
-A
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
.
c
e
S
0
4
-
0
2
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
k
a
e
PT
G
K
P
0
6
2C
°
Unless specified: V
DD = 12V, CSS = 1nF, FOSC = 420kHz, RT = 10k, CT = 220pF, DMAX = 2V, RDELAY = 75kΩ, TA = TJ = -40ºC to 105ºC
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com