Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1176TSTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1176TSTRT
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176TSTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC1176TSTRT Datasheet HTML 1Page - Semtech Corporation SC1176TSTRT Datasheet HTML 2Page - Semtech Corporation SC1176TSTRT Datasheet HTML 3Page - Semtech Corporation SC1176TSTRT Datasheet HTML 4Page - Semtech Corporation SC1176TSTRT Datasheet HTML 5Page - Semtech Corporation SC1176TSTRT Datasheet HTML 6Page - Semtech Corporation SC1176TSTRT Datasheet HTML 7Page - Semtech Corporation SC1176TSTRT Datasheet HTML 8Page - Semtech Corporation SC1176TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Pin Configuration
EXPANDED PIN DESCRIPTION
Pin 1: (VREF)
Internal .9V reference
Connected to the + input of the master channel error
amplifier.
Pin 2: (+IN2)
+ Input of slave channel error amplifier.
Connected to .9V reference (Pin 1) for
2 independent channel configuration.
Pin 3, 18: (-IN2, -IN1)
- Inputs of close loop error amplifiers.
Works as a feedback inputs (For both modes).
Pin 4: (VCC)
VCC chip supply voltage.
15V maximum, 15mA typical.
Needs a 1µF ceramic multilayer decoupling capacitor
to GND (Pin 20).
Pin 5, 6,15, 16: (CL2-, CL2+, CL1+, CL1-)
Pins (-) and (+) of the current limit amplifiers for both
channels.
Connected to output current sense resistors. Com-
pares that sense voltage to internal 75mV reference.
Needs RC filter for noise rejection.
Pin 7, 14: (BST2, BST1)
BST signal. Supply for high side driver.
Can be connected to a high enough voltage source.
Usually connected to bootstrap circuit.
Pin 8, 13: (DH2, DH1)
DH signal (Drive High).
Gate drive for top MOSFETs.
Requires a small serie resistor.
Pin 9, 12: (DL2, DL1)
DL signal (Drive Low).
Gate drive for bottom MOSFETs.
Requires a small serie resistor.
Pin 10: (PGND)
Power GND. Return of gate drive currents.
Pin 11: (BSTC)
Supply for bottom MOSFETs gate drive.
Pin 17: (SS/ENA)
Soft start pin. Internal current source connected to
external capacitor.
Inhibits he chip if pulled down.
Pin 19: (PWRGD)
Power good signal.
Open collector signal .
Turns to 0 if output voltage is outside the power good
window.
Pin 20: (GND)
Analog GND.
Return of analog signals and bias of chip.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
)
2
(
R
T
W
S
C
6
7
1
1
C
S
0
2
-
C
I
O
S
T
R
T
W
S
C
6
7
1
1
C
S
R
T
W
S
A
6
7
1
1
C
S
T
R
T
W
S
A
6
7
1
1
C
S
R
T
S
T
6
7
1
1
C
S
0
2
-
P
O
S
S
T
T
R
T
S
T
6
7
1
1
C
S
R
T
S
T
A
6
7
1
1
C
S
1
-
B
V
E
6
7
1
1
C
Sn
o
it
a
u
l
a
v
E
n
o
i
s
r
e
V
e
r
a
h
S
t
n
e
r
r
u
C
d
r
a
o
B
2
-
B
V
E
2
-
6
7
1
1
C
Sn
o
it
a
u
l
a
v
E
n
o
i
s
r
e
V
l
e
n
n
a
h
C
l
a
u
D
Notes:
(1) Only available in tape and reel packaging. A reel
contains 1000 (SOIC) or 2500 (TSSOP) devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
Pin Descriptions
Top View
(SOIC-20 and TSSOP-20 Pin)
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com