Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808AIMSTRT Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC4808AIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808AIMSTRT Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC4808AIMSTRT Datasheet HTML 22Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 23Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 24Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 25Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 26Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 27Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 28Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 29Page - Semtech Corporation SC4808AIMSTRT Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
Typical Step Load
Typical SC4808 Push Pull Converter Step Load plot at Vin = 48V, Vout = 3.3V, Step = 37% to 75% Iout, Fosc = 650kHz
Cout = 6X22uF (132uF) Ceramic
Iout
5A/Div
Vout
500mV/Div
100us/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com