Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4905AIMSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4905AIMSTRT
Description  High Performance Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905AIMSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4905AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 18Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 19Page - Semtech Corporation SC4905AIMSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SC4905A/B
POWER MANAGEMENT
 2006 Semtech Corp.
www.semtech.com
16
100
120
140
160
180
200
220
240
260
280
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Input leakage current IFB, Vfb = 0
1.778
1.780
1.782
1.784
1.786
1.788
1.790
1.792
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Sync. Threshold
3.926
3.928
3.930
3.932
3.934
3.936
3.938
3.940
3.942
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vout High, Vdd = 4V
Synchronization Threshold vs. Temperature
FB pin leakage current vs. Temperature
VOUT Low vs. Temperature
VOUT high vs. Temperature
SC4905A Typical Characteristics (Cont.)
0.030
0.035
0.040
0.045
0.050
0.055
0.060
0.065
0.070
0.075
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vout Low, Vdd = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com