Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC905 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC905
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC905 Datasheet HTML 7Page - Semtech Corporation SC905 Datasheet HTML 8Page - Semtech Corporation SC905 Datasheet HTML 9Page - Semtech Corporation SC905 Datasheet HTML 10Page - Semtech Corporation SC905 Datasheet HTML 11Page - Semtech Corporation SC905 Datasheet HTML 12Page - Semtech Corporation SC905 Datasheet HTML 13Page - Semtech Corporation SC905 Datasheet HTML 14Page - Semtech Corporation SC905 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905
The voltage can be changed from its default state after
start-up by writing to the appropriate voltage code regis-
ter.
Active Shutdown
The shutdown control bits determine how the on-chip active
shutdown switches behave. Register 7 is the active shut-
down control register and is used to control the shutdown
behavior. Each LDO has a specific shutdown bit assigned
to it. When the active shutdown bit is enabled (set to 1),
the output capacitance on the LDO output is discharged by
an on-chip FET when the LDO is disabled. When the active
shutdown bit is disabled (set to 0), the output capacitance
on the LDO output is discharged by the load. The default
state for each LDO active shutdown bit is on.
Default Status Bit
In many multi-threaded environments it is necessary to
maintain synchronization between the host micro-control-
ler and the target IC. The SC905 has a default status bit
(DSB) that will facilitate this task. The DSB can be useful in
keeping the MSM and the SC905 synchronized. However,
this is only useful if the MSM is powered by an external
switching regulator such as the SC190.
The DSB is bit 7 of register 0, and shares this register space
with the PAD voltage control bits. The DSB is only set to 1
during power-up to indicate that the part is set to the default
state. Moreover, the DSB cannot be written to a 1 through
the I2C interface the way the other bits in this register can;
it can only be cleared to 0 through the I2C interface. This
feature prevents a software race condition by always writing
to register 0 with bit 7 high when changing the PAD control
voltage. To clear the bit simply write a 0 to bit 7.
Applying the DSB
Upon power-up, the SC905 LDOs and internal registers are
set to their default state. The DSB is set to a 1 to indicate
that the SC905 is in its default state. Upon reading this
defaulted state condition, the MSM knows to perform
whatever synchronization is needed to set the SC905 into
a known user state. This user state is entered by a two-
stage process.
1) The MSM writes a 0 to the DSB indicating its desire
to modify the state of the SC905. It then writes all of the
correct register information to the SC905 to set it to the
user state.
2) The MSM reads back all of the information to verify
the data. Then it reads back the DSB again to ensure it is
still set to 0. This verifies that no reset took place during
the time that the multiple writes and read verifications
happened. If the DSB has been reset to 1, this process
needs to be repeated since the chip was reset sometime
during the initialization. Once the MSM and the SC905
are synchronized, the DSB can be read back as a status
check periodically, as needed. If it is ever set back to the
default state, a new synchronization process is required.
This handshake-style protocol makes sure that the MSM
and SC905 are always synchronized.
LDO Power-On Sequence
When the SC905 first turns on, the four LDOs that default
on are sequenced in the following fashion: CORE is the first
to turn on, then PAD, then ANA and finally TCXO. During the
power-on sequence, each LDO has a 100μs delay from one
LDO turning on to the other. This process eliminates large
voltage spikes across the battery supply during power-up.
For further information on LDO power on sequencing, refer
to the Timing Diagram on page 17.
Protection Circuitry
The SC905 contains protection circuitry that prevents the
device from operating in an unspecified state. These in-
clude Under-voltage Lockout Protection, Over-temperature
Protection and Short-circuit Protection.
Under-Voltage Lockout
The SC905 provides an under-voltage lockout (UVLO) circuit
to protect the device from operating in an unknown state
if the input voltage supply is too low.
When the battery voltage drops below the UVLO threshold,
as defined in the Electrical Characteristics section, the
LDOs are disabled and RESB is held low. When the battery
voltage is increased above the hysteresis level, the LDOs
are re-enabled into their previous states, provided PGOOD
has remained high. If PGOOD goes low, the SC905 will shut
down. When powering-up with a battery voltage below the
UVLO threshold, RESB will be held low.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com