Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK1101ERGPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1101ERGPR
Description  11.3-Gbps Cable and PC Board Equalizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1101ERGPR Datasheet(HTML) 2 Page - Texas Instruments

  TLK1101ERGPR Datasheet HTML 1Page - Texas Instruments TLK1101ERGPR Datasheet HTML 2Page - Texas Instruments TLK1101ERGPR Datasheet HTML 3Page - Texas Instruments TLK1101ERGPR Datasheet HTML 4Page - Texas Instruments TLK1101ERGPR Datasheet HTML 5Page - Texas Instruments TLK1101ERGPR Datasheet HTML 6Page - Texas Instruments TLK1101ERGPR Datasheet HTML 7Page - Texas Instruments TLK1101ERGPR Datasheet HTML 8Page - Texas Instruments TLK1101ERGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
BLOCK DIAGRAM
Output
Buffer
Output
Driver
50W
VCC
ControlSettings
4-Bit
Input Threshold
De-emphasis
OutputSwing
InputBandwidth
LOS AssertLevel
Power-On
Reset
-
Band GapVoltage
Referenceand
BiasCurrent
Generation
2-WireInterface &
ControlLogic
SDA
SCL
DIS
DIN+
DIN-
SDA
SCL
DIS
DOUT+
DOUT-
Equalizer
Stage
InputBuffer
with
Selectable
Bandwidth
Offset
Cancellation
LN 0
LN0
LN1
LN1
8-BitRegister
2-Bit
4-Bit + Select
7-Bit + Select
LossofSignal
Detection
LOS
VCC
GND
LOSR
LOSR
SWG
SWG
LOSL
LOSL
VTH
VTH
DE 0
DE0
DE 1
DE1
4-Bit
SEL_RATE
7-BitRegister
SEL_LOSL
8-BitRegister
50W
50W
VCC
50W
TLK1101E
SLLS845A – AUGUST 2007 – REVISED OCTOBER 2007
The output can be disabled using the DIS pin. The DIS and the LOS pin can be connected together to implement
a squelch function.
The de-emphasis, the output voltage swing, the input threshold voltage, the output disable, and the LOS assert
levels and ranges can alternatively be set using the two-wire serial interface through the SCL and SDA pins. The
external pin configuration is the default device setup method. The active device control method is selected
through register address 0 bit 0 (see Table 4 and Table 20). The two-wire serial interface also allows for the
control of the input bandwidth to optimize the device performance for various data rates.
The high input signal dynamic range ensures low jitter output signals even when overdriven with input signal
swings as high as 1600mVp-p differential.
The low-frequency cut-off is low enough to support low-frequency control signals such as SAS and SATA
out-of-band (OOB) signals.
A simplified block diagram of the TLK1101E is shown in Figure 1. This compact, low power, 11.3-Gbps equalizer
consists of a high-speed data path with offset cancellation block combined with an analog input threshold
selection circuitry, a loss of signal detection block, a two-wire interface with a control-logic block, a bandgap
voltage reference, and a bias current generation block.
Figure 1. Simplified Block Diagram of the TLK1101E
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLK1101E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com