Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPDV3V0-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDV3V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV3V0-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDV3V0-HF Datasheet HTML 1Page - Comchip Technology CPDV3V0-HF Datasheet HTML 2Page - Comchip Technology CPDV3V0-HF Datasheet HTML 3Page - Comchip Technology CPDV3V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD ESD Protection Diode
Page 3
REV:A
SP-JP002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reel Taping Specification
(mm)
(inch)
SOD-323
SYMBOL
(inch)
SOD-323
SYMBOL
A
(mm)
B
C
d
D
D1
D2
1.46 ± 0.05
2.90 ± 0.05
1.25 ± 0.05
1.50 ± 0.10
178.00 ± 2.00
54.40 ± 1.00
13.00 ± 1.00
0.057 ± 0.002 0.114 ± 0.002 0.049 ± 0.002 0.059 ± 0.004 7.008 ± 0.079 2.142 ± 0.039 0.512 ± 0.039
E
F
P
P0
P1
W
W1
1.75 ± 0.10
3.50 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
8.00 + 0.30
− 0.10
12.30 ± 1.00
0.069 ± 0.004 0.138 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.004
0.315 + 0.012
− 0.004
0.484 ± 0.039
D
D1
D2
W1
A
B
C
d
E
F
P
P0
P1
W
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com