Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

02V022VCSS50XCD-5 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 02V022VCSS50XCD-5
Description  Gauge Valve – V02 Series Block and Bleed Manifold
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

02V022VCSS50XCD-5 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  02V022VCSS50XCD-5 Datasheet HTML 1Page - Ashcroft, Inc. 02V022VCSS50XCD-5 Datasheet HTML 2Page - Ashcroft, Inc. 02V022VCSS50XCD-5 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
Gauge Valve – V02 Series
Block and Bleed Manifold
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the
property of their respective owners: Hastelloy®, Monel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. V02-2V_acc_ds_RevE_06-22-23
ashcroft.com
| 1.800.328.8258 | Contact Us
of 3
2
ORDERING CODE
Example::
04
V02
2V
A
SS
50
X2G
Process Connection
02 - ¼ NPT Male (style A only)
04 - ½ NPT Male (style A only)
04
25 - ¼ NPT Female
50 - ½ NPT Female
Series Code
V02 - Valve
V02
Valves
2V - 2 Valve
2V
Version
A - Style A (In-line)
A
B - Style B (L-shape)
C - Style C (Y-shape)
Material
SS - 316L Stainless steel
SS
PM - Monel® 400
HH - Hastelloy® C-276
Instrument Connection
04 - ½ NPT Male (style A only)
25 - ¼ NPT Female
50 - ½ NPT Female
50
Options (if choosing an option(s) must include an “X”)
X _ _
C3 - Material traceability report per EN 10204 3.1
CD-5 - Certificate according to NACE for Oilfields MR0175/ISO 15156-2009 and for Refineries MR0103-2010
P7 - Power piping acc. to ASME B31.1
2G - Graphite bonnet for high temperatures
2G
HY - Hydrostatic testing
NH - Stainless steel tags wired to valve
TM - 2˝ Pipe mounting bracket
6B - Cleaned for oxygen service



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com