Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4520 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4520 Datasheet HTML 1Page - Semtech Corporation SC4520 Datasheet HTML 2Page - Semtech Corporation SC4520 Datasheet HTML 3Page - Semtech Corporation SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
Block Diagram
FB
COMP
R
Q
S
PWM
-
+
POWER
IN
TRANSISTOR
SLOPE
+
+
+
ISEN
40m
SW
BST
OSCILLATOR
CLK
FREQUENCY
SLOPE COMP
SYNC
SLOPE
OL
FB
EN
REFERENCE
1V
UVLO
0.7V
EA
SOFT START
HICCUP
Is
Is
GND
FB
COMP
R
Q
S
PWM
-
+
POWER
IN
TRANSISTOR
SLOPE
+
+
+
ISEN
40m
SW
BST
OSCILLATOR
CLK
FREQUENCY
SLOPE COMP
SYNC
SLOPE
OL
FB
EN
REFERENCE
1V
UVLO
0.7V
EA
SOFT START
HICCUP
Is
Is
GND
FSET
Typical Characteristic - OCP Limit
SC4519H OCP Limit vs Duty Cycle
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0
2040
6080
100
Duty Cycle (%)
ILIM @-40C
ILIM @25C
ILIM @125C
Rosc = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com