Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC412A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation SC412A Datasheet HTML 10Page - Semtech Corporation SC412A Datasheet HTML 11Page - Semtech Corporation SC412A Datasheet HTML 12Page - Semtech Corporation SC412A Datasheet HTML 13Page - Semtech Corporation SC412A Datasheet HTML 14Page - Semtech Corporation SC412A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Applications Information (continued)
Soft-Start
The soft-start is accomplished by ramping the FB com-
parator’s internal reference from zero to 0.75V in 30mV
increments. Each 30mV step typically lasts for eight clock
cycles.
During the soft-start period, the Zero Cross Detector is
active to monitor the voltage across the lower MOSFET
while DL is high. If the inductor current reaches zero, the
FB comparator’s internal ramp reference is immediately
overridden to match the voltage at the FB pin. This soon
causes the FB comparator to trip which forces DL to turn
off and a DH on-time will begin. This prevents the inductor
current from going too negative which would cause droop
in the VOUT start-up waveform. The next 30mV step on the
internal reference ramp occurs from the new point at the
FB pin. Since any of the internal 30mV steps can be over-
ridden by the FB waveform, the start-up time is therefore
dependent upon operating conditions. This override feature
will stop when the FB pin reaches approximately 660mV.
At start-up, during the first 32 switching cycles, the over-
current threshold is reduced by 50%, to reduce overshoot
caused by the first set of switching pulses.
MOSFET Gate Drivers
The DH and DL drivers are optimized for driving moderate
high-side and larger low-side power MOSFETs. An adaptive
dead-time circuit monitors the DL output and prevents the
high-side MOSFET from turning on until DL is fully off, and
conversely, monitors the DH output and prevents the low-
side MOSFET from turning on until DH is fully off. Be sure
there is low resistance and low inductance between the DH
and DL outputs to the gate of each MOSFET.
The SC412A utilizes SmartDriveTM to achieve fast switching
with reduced noise. At the start of the DH on-time when
LX is typically below GND, the DH output drives the high-
side MOSFET through a pull-up resistance of 10 ohms,
which results in a soft reverse-recovery of the low-side
diode. The high-side MOSFET conducts and causes LX to
rise; when LX reaches 1.5volts, the DH drive resistance is
reduced to 2 ohms to provide fast switching and reduce
switching loss.
Design Procedure
Prior to designing a switch mode supply, the input voltage,
load current, switching frequency and inductor ripple cur-
rent must be specified.
For notebook systems the maximum input voltage (VIN
MAX)
is determined by the highest AC adaptor voltage, and the
minimum input voltage (VIN
MIN) is determined by the lowest
battery voltage after accounting for voltage drops due to
connectors, fuses and battery selector switches.
In general, four parameters are needed to define the
design:
1) Nominal output voltage (VOUT)
2) Static or DC output tolerance
3) Transient response
4) Maximum load current (IOUT)
There are two values of load current to consider: continu-
ous load current and peak load current. Continuous load
current is concerned with thermal stresses which drive
the selection of input capacitors, MOSFETs and commuta-
tion diodes. Peak load current determines instantaneous
component stresses and filtering requirements such as
inductor saturation, output capacitors and design of the
current limit circuit.
Design example:
VBAT = 10V min, 20V max
VOUT = 1.15V +/- 4%
Load = 20A maximum
Inductor Selection
Low inductor values result in smaller size, but create high-
er ripple current and are less efficient because of the high
AC current flowing in the inductor. Higher inductor values
will reduce the ripple current and are more efficient, but
are larger and more costly. The inductor selection is gen-
erally based on the ripple current which is typically set
between 20% to 50% of the maximum load current. Cost,
size, output ripple and efficiency all play a part in the se-
lection process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com