Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC412AEVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 14Page - Semtech Corporation SC412AEVB Datasheet HTML 15Page - Semtech Corporation SC412AEVB Datasheet HTML 16Page - Semtech Corporation SC412AEVB Datasheet HTML 17Page - Semtech Corporation SC412AEVB Datasheet HTML 18Page - Semtech Corporation SC412AEVB Datasheet HTML 19Page - Semtech Corporation SC412AEVB Datasheet HTML 20Page - Semtech Corporation SC412AEVB Datasheet HTML 21Page - Semtech Corporation SC412AEVB Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
.114
.118
3.00
.122
2.90
3.10
NOTES:
bbb
C A B
aaa C
.003
.061
16
.067
-
.000
.031
-
-
(.008)
0.08
16
.071
1.55
.040
-
.002
-
0.00
0.80
1.80
1.70
-
0.05
1.00
(0.20)
-
-
.004
0.10
1.55
2.90
1.70
1.80
3.00
3.10
0.50 BSC
.020 BSC
0.30
.012
.020
.016
0.40
0.50
.122
.118
.114
.071
.067
.061
A
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
INCHES
DIMENSIONS
NOM
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
MIN
D
A
MILLIMETERS
MAX
MIN
MAX
NOM
E
B
D
e/2
e
bxN
1
2
N
PIN 1
INDICATOR
(LASER MARK)
A1
A
A2
C
SEATING
PLANE
LxN
E/2
D/2
b
.007.009.0120.180.230.30
3. DAP IS 1.90 x 1.90mm.
D1
E1
Outline Drawing - MLPQ-16 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com