Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC473 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 3Page - Semtech Corporation SC473 Datasheet HTML 4Page - Semtech Corporation SC473 Datasheet HTML 5Page - Semtech Corporation SC473 Datasheet HTML 6Page - Semtech Corporation SC473 Datasheet HTML 7Page - Semtech Corporation SC473 Datasheet HTML 8Page - Semtech Corporation SC473 Datasheet HTML 9Page - Semtech Corporation SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Device(2)
Package
Temp Range (T
J)
SC473MLTRT (1)(3)
MLP-4x4-24
-40°C to +85°C
SC473EVB
EVALUATION BOARD
Notes:
1) Only available in tape and reel packaging. A reel contains 3000
devices.
2) This device is ESD sensitive. Use of standard ESD handling precau-
tions is required.
3) Lead-free package compliant with J-STD-020B. Qualified to support
maximum IR Reflow temperature of 260oC for 30 seconds. This product
is fully WEEE and RoHS compliant.
Pin Configuration
Ordering Information
PGND
PAD
VID0
VID2
HYS
VID1
VID4
VID3
1
2
3
4
5
78
6
RAMP
CS-
CS+
EN
FB+
PWRGD
24 23 22 21 20
18
17
19
910 11 12
13
15
16
14
SC473 Pin Out Diagram
Top View
Marking Information
yyww = Date Code (Example: 0550)
xxxxx = Semtech Lot Number (Example: E9000)
xxxxx = (Example: 1–100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com