Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TQL851CSV50 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TQL851CSV50
Description  50V, 500mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL851CSV50 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TQL851CSV50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL851CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQL851CSV50
Taiwan Semiconductor
5
Version: A2206
APPLICATION INFORMATION
TQL851CSV50 is a high-performance low dropout voltage regulator. The device operates with a wide input voltage
from 3V to 50V and up to 500mA of output current. It also provides a high accuracy output voltage for ±2% in all the
load and line regulation.
Enable
The EN pin is high voltage tolerant pin. High input enables the device ON and low is disable which can be
connected to microcontroller or digital control system. It can be connected to input power pin directly.
Thermal Shutdown (TSD)
Internal 160°C comparator will trigger temperature protection (TSD). TSD will shut down system, until internal
temperature back to 130°C.
Current Limit
The TQL851CSV50 features Current Limit function to protect device from damage by excessive power dissipation
such as OUT shorted to GND. It limits output current to maintain power dissipation in the safe region.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com