Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LS175 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS175
Description  QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS175 Datasheet(HTML) 1 Page - SYC Electronica

  74LS175 Datasheet HTML 1Page - SYC Electronica 74LS175 Datasheet HTML 2Page - SYC Electronica 74LS175 Datasheet HTML 3Page - SYC Electronica 74LS175 Datasheet HTML 4Page - SYC Electronica 74LS175 Datasheet HTML 5Page - SYC Electronica 74LS175 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SN74LS175
Quad D Flip-Flop
The LSTTL / MSI SN74LS175 is a high speed Quad D Flip-Flop.
The device is useful for general flip-flop requirements where clock
and clear inputs are common. The information on the D inputs is
stored during the LOW to HIGH clock transition. Both true and
complemented outputs of each flip-flop are provided. A Master Reset
input resets all flip-flops, independent of the Clock or D inputs, when
LOW.
The LS175 is fabricated with the Schottky barrier diode process for
high speed and is completely compatible with all ON Semiconductor
TTL families.
• Edge-Triggered D-Type Inputs
• Buffered-Positive Edge-Triggered Clock
• Clock to Output Delays of 30 ns
• Asynchronous Common Reset
• True and Complement Output
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS175N
16 Pin DIP
2000 Units/Box
SN74LS175D
16 Pin
SOIC
D SUFFIX
CASE 751B
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
74LS175
www.sycelectronica.com.ar


Similar Part No. - 74LS175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS175 MOTOROLA-74LS175 Datasheet
171Kb / 5P
QUAD D FLIP-FLOP
logo
National Semiconductor ...
74LS175 NSC-74LS175 Datasheet
174Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
ON Semiconductor
74LS175 ONSEMI-74LS175 Datasheet
108Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS175 FAIRCHILD-74LS175 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
74LS175 HITACHI-74LS175 Datasheet
74Kb / 6P
Hex/Quadruple D-type Flip-Flips(with clear)
More results

Similar Description - 74LS175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
QUAD D FLIP-FLOP
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
Quad D Flip-Flop
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
Quad D flip-flop
1991 Feb 08
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
Quad D flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
Texas Instruments
54ACT175 TI1-54ACT175 Datasheet
141Kb / 8P
Quad D Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com