Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS310-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # SS310-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS310-HF Datasheet(HTML) 4 Page - Comchip Technology

  SS310-HF Datasheet HTML 1Page - Comchip Technology SS310-HF Datasheet HTML 2Page - Comchip Technology SS310-HF Datasheet HTML 3Page - Comchip Technology SS310-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
Comchip Technology CO., LTD.
Page 4
Company reserves the right to improve product design , functions and reliability without notice.
SP-JB016
Standard Packaging
Suggested PAD Layout
SIZE
(inch)
0.157
(mm)
4.00
2.50
1.80
0.100
0.071
6.50
0.256
E
1.50
0.060
A
B
C
D
DO-214AC (SMA)
A
B
C
E
D
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AC
(SMA)
Part Number
Marking Code
Marking Code
XXXXX
Product type marking code
Cathode Band
xxxxx = Product type marking code
SS34-HF
SS34
SS36-HF
SS36
SS310-HF
SS310
SS315-HF
SS315
SS320-HF
SS320
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com