Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS310F-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # SS310F-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS310F-HF Datasheet(HTML) 2 Page - Comchip Technology

  SS310F-HF Datasheet HTML 1Page - Comchip Technology SS310F-HF Datasheet HTML 2Page - Comchip Technology SS310F-HF Datasheet HTML 3Page - Comchip Technology SS310F-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (SS34F-HF Thru. SS320F-HF)
SMD Schottky Barrier Rectifiers
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.2 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
Fig.4 - Typical Junction Capacitance
Reverse Voltage, (V)
Fig.6 - Typical Transient Thermal Impedance
Pulse Duration
, t (sec)
Fig.1 - Forward Current Derating Curve
Case Temperature, (
°C)
Fig.3 - Typical Forward Characteristic
Instantaneous Forward Voltage, (V)
Fig.5 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
0
25
150
50
75
100
125
0
3.0
0.6
1.2
2.4
3.5
0
20
40
60
80
100
0
0
10
1
10
10²
10³
4
10
0.4
1.8
0.8
0.1
1.0
10
20
0.1
1
10
100
10
100
1000
1
10
100
20
0
60
40
100
0.1
1
10
100
0.01
10
1
Single phase half-wave 60Hz
resistive or inductive load
8.3ms single half sine wave
(JEDEC Method)
1.8
SP-JB032
0.2
0.6
1.2
1.0
1.6
1.4
100
SS310F-HF
80
TJ=100°C
TJ=75°C
TJ=25°C
SS34F-HF~SS36F-HF
SS310F-HF~SS320F-HF
SS34F-HF
SS36F-HF
SS315F-HF~SS320F-HF
TJ=25°C
SS34F-HF~SS36F-HF
SS310F-HF~SS320F-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com