Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC192IMLTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC192IMLTR
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192IMLTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC192IMLTR Datasheet HTML 1Page - Semtech Corporation SC192IMLTR Datasheet HTML 2Page - Semtech Corporation SC192IMLTR Datasheet HTML 3Page - Semtech Corporation SC192IMLTR Datasheet HTML 4Page - Semtech Corporation SC192IMLTR Datasheet HTML 5Page - Semtech Corporation SC192IMLTR Datasheet HTML 6Page - Semtech Corporation SC192IMLTR Datasheet HTML 7Page - Semtech Corporation SC192IMLTR Datasheet HTML 8Page - Semtech Corporation SC192IMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
Electrical Characteristics Cont.
Unless otherwise noted: VIN = 3.6V, SYNC/PWM = VIN, ILIM = VIN, EN = VIN, T
A =-40 to 85°C. Typical values are at TA = +25°C.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
ti
m
i
L
t
n
e
r
r
u
C
l
e
n
n
a
h
C
-
P
I
)
P
(
M
I
L
D
N
G
=
M
I
L
I0
2
40
0
60
8
7A
m
V
=
M
I
L
I
N
I
0
4
80
0
2
10
6
5
1A
m
ti
m
i
L
t
n
e
r
r
u
C
l
e
n
n
a
h
C
-
N
I
)
N
(
M
I
L
e
d
o
M
E
V
A
S
P
,
D
N
G
=
M
W
P
/
C
N
Y
S5
45
0
15
6
1A
m
0
2
3
-0
2
4
-0
2
5
-A
m
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
QI
Q
e
d
o
M
E
V
A
S
P
,
D
N
G
=
M
W
P
/
C
N
Y
S5
30
5A
μ
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
D
S
T
,
n
e
p
O
=
X
L
,
0
=
N
E
A
5
2
=
°
C1
A
μ
S
O
M
P
t
n
e
r
r
u
C
e
g
a
k
a
e
l
X
LI
P
X
L
V
0
=
N
E
,
V
0
=
X
L
,
V
5
.
5
=
N
I
V1
A
μ
S
O
M
N
t
n
e
r
r
u
C
e
g
a
k
a
e
l
X
LI
N
X
L
V
0
=
N
E
,
V
5
.
5
=
X
L
,
V
5
.
5
=
N
I
V0
2
-A
μ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
0
5
60
5
70
3
8z
H
k
e
g
n
a
R
y
c
n
e
u
q
e
r
F
C
N
Y
Sf
C
N
Y
S
0
0
50
0
0
1z
H
k
e
g
n
a
R
e
l
c
y
C
y
t
u
DD
e
d
o
M
E
V
A
S
P
,
D
N
G
=
M
W
P
/
C
N
Y
S0
20
0
1%
d
l
o
h
s
e
r
h
T
O
L
V
UV
L
V
U
5
3
.
25
.
25
6
.
2V
s
i
s
e
r
e
t
s
y
H
O
L
V
UV
S
Y
H
L
V
U
0
5V
m
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
6
1
°
C
h
g
i
H
t
u
p
n
I
c
i
g
o
LV
H
I
M
I
L
I
,
M
W
P
/
C
N
Y
S
,
N
E2
V
w
o
L
t
u
p
n
I
c
i
g
o
LV
L
I
M
I
L
I
,
M
W
P
/
C
N
Y
S
,
N
E8
.
0V
h
g
i
H
t
n
e
r
r
u
C
t
u
p
n
I
c
i
g
o
LI
H
I
M
I
L
I
,
M
W
P
/
C
N
Y
S
,
N
E2
-2
A
μ
w
o
L
t
n
e
r
r
u
C
t
u
p
n
I
c
i
g
o
LI
L
I
M
I
L
I
,
M
W
P
/
C
N
Y
S
,
N
E2
-2
A
μ
Notes:
(1) Load regulation limits are specified from 0 to 700mA. This specification is calculated based on parameters measured individually and is not a
tested parameter. See the load regulation limit graph on page 13 for more detailed view of performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com