Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC621AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC621AEVB
Description  Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC621AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC621AEVB Datasheet HTML 3Page - Semtech Corporation SC621AEVB Datasheet HTML 4Page - Semtech Corporation SC621AEVB Datasheet HTML 5Page - Semtech Corporation SC621AEVB Datasheet HTML 6Page - Semtech Corporation SC621AEVB Datasheet HTML 7Page - Semtech Corporation SC621AEVB Datasheet HTML 8Page - Semtech Corporation SC621AEVB Datasheet HTML 9Page - Semtech Corporation SC621AEVB Datasheet HTML 10Page - Semtech Corporation SC621AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SC621A
7
Typical Characteristics
Battery Current (4 LEDs) — 25mA Each
100
110
120
130
140
150
160
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.66V, IOUT=100mA, 25°C
Backlight Efficiency (4 LEDs) — 25mA Each
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.66V, IOUT=100mA, 25°C
Backlight Efficiency (4 LEDs) — 12mA Each
VOUT=3.50V, IOUT=48mA, 25°C
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
Backlight Efficiency (4 LEDs) — 5.0mA Each
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.33V, IOUT=20mA, 25°C
Battery Current (4 LEDs) — 5.0mA Each
15
20
25
30
35
40
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.33V, IOUT=20mA, 25°C
Battery Current (4 LEDs) — 12mA Each
45
52
59
66
73
80
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.50V, IOUT=48mA, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com