Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT9480 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
HT9480
Rev. 1.20
26
July 31, 2002
Address
Bit Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
40H
ENA
A00
A01
A02
A03
A04
A05
A06
41H
A07
A08
A09
A10
A11
A12
A13
A14
42H
A15
A16
A17
FA2
FA1
FA0
43H
ENB
B00
B01
B02
B03
B04
B05
B06
44H
B07
B08
B09
B10
B11
B12
B13
B14
45H
B15
B16
B17
FB2
FB1
FB0
46H
ENC
C00
C01
C02
C03
C04
C05
C06
47H
C07
C08
C09
C10
C11
C12
C13
C14
48H
C15
C16
C17
FC2
FC1
FC0
49H
END
D00
D01
D02
D03
D04
D05
D06
4AH
D07
D08
D09
D10
D11
D12
D13
D14
4BH
D15
D16
D17
FD2
FD1
FD0
4CH
ENE
E00
E01
E02
E03
E04
E05
E05
4DH
E07
E08
E09
E10
E11
E12
E13
E14
4EH
E15
E16
E17
FE2
FE1
FE0
4FH
ENF
F00
F01
F02
F03
F04
F05
F05
50H
F07
F08
F09
F10
F11
F12
F13
F14
51H
F15
F16
F17
FF2
FF1
FF0
52H
SPF00
SPF01
SPF02
SPF03
SPF04
SPF05
SPF06
SPF07
53H
SPF08
SPF09
SPF10
SPF11
SPF12
SPF13
SPF14
SPF15
54H
SPF16
SPF17
SPF18
SPF19
SPF20
SPF21
SPF22
SPF23
User address format
A user address in the POCSAG code consists of 21 bits.
Three of the 21 bits are coded in the frame number and
are therefore not explicitly transmitted. In the decoder,
the addresses A, B, C, D, E and F can use 6 different
frames respectively. Every address has to be explicitly
enabled by resetting the associated enable bit.
Examples:
Address decimal value: RICA=10535
Binary equivalent(14 bits): 10100100100111
Binary equivalent(18+3 bits):
000000010100100100111
Register allocation:
A00 A01 A02 A03 A04 A05 A06 A07 A08
000000010
A09 A10 A11 A12 A13 A14 A15 A16 A17
100100100
FR12
FR11
FR10
11
1
Configuration
The program mode changes to the STANDBY state by
setting the ON bit high at any time. The configuration
RAM can be programmed only when the value of the
STB flag is 1. After the configuration RAM is pro-
grammed and the ON bit is set low, the system quits the
program mode and resumes normal operation.
Test mode
The test mode of the decoder is selected by setting the
TS pin low at any time. In the test mode, the RF control
outputs BS1 and BS3 are set high constantly, but BS2 is
set low.
After the TS pin is set high the decoder exits the test
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com