Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5107 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5107
Description  Low-cost interactive set-top box decoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5107 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5107 Datasheet HTML 1Page - STMicroelectronics STI5107 Datasheet HTML 2Page - STMicroelectronics STI5107 Datasheet HTML 3Page - STMicroelectronics STI5107 Datasheet HTML 4Page - STMicroelectronics STI5107 Datasheet HTML 5Page - STMicroelectronics STI5107 Datasheet HTML 6Page - STMicroelectronics STI5107 Datasheet HTML 7Page - STMicroelectronics STI5107 Datasheet HTML 8Page - STMicroelectronics STI5107 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Description
STi5107
2/14
1
Description
1.1
General
The STi5107 is the latest in the family of Omega2 set-top box ICs providing a high-
performance, low-cost system-on-chip(SoC) for MPEG processing in cable, satellite or
digital terrestrial STBs. It is a pin compatible IC derived from the STx5105, that supports
multiple platform using a unified architecture. STi5107 is compatible with the latest CA
advanced security specifications.
The STi5107 delivers enhanced performance with respect to previous devices. Main
memory is based upon a single 16-bit external SDR/DDR SDRAM.
The display architecture of the device is based upon a high performance blitter engine that
supports CLUT8 and RGB16 formats for background, video and OSD/graphics displays. It
makes the porting of middleware easier with greater rendering.
1.2
Applications
Typical applications are shown in the Figure 1, Figure 2 and Figure 3.
Figure 1.
Basic terrestrial pay TV
STi5107
Transport
stream in
VCR
DV-T Rx
Tuner
Flash
IR Tx/Rx
SDR
DDR
CVBS
YC+CVBS
RGB or
STV0362
Smart
Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com