Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPESD4V0MS-SFYL Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPESD4V0MS-SFYL
Description  1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD4V0MS-SFYL Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPESD4V0MS-SFYL Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD4V0MS-SFYL Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD4V0MS-SFYL Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD4V0MS-SFYL Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WWW.TECHPUBLIC.COM.TW
2
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
72
W
Peak Pulse Current (8/20µs)
Ipp
8
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
KV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol Min Typ Max Unit Test Condition
Reverse Working Voltage VRWM
--
--
4.0
V
Breakdown Voltage
VBR
4.8
5.8
--
V
IT= 1mA
Reverse Leakage Current IR
--
--
500
nA
VRWM=4.0V
Clamping Voltage
VC
--
5.5
7.0
V
Ipp=1A(8x 20us pulse)
Clamping Voltage
VC
--
7.5
10
V
Ipp=8A(8x 20us pulse)
Junction Capacitance
CJ
--
0.4
0.6
pF
VR = 0V, f = 1MHz
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
WWW.SOT23.COM.TW
TPESD4V0MS-SFYL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com