Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR256J Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 14Page - STMicroelectronics M58PR256J Datasheet HTML 15Page - STMicroelectronics M58PR256J Datasheet HTML 16Page - STMicroelectronics M58PR256J Datasheet HTML 17Page - STMicroelectronics M58PR256J Datasheet HTML 18Page - STMicroelectronics M58PR256J Datasheet HTML 19Page - STMicroelectronics M58PR256J Datasheet HTML 20Page - STMicroelectronics M58PR256J Datasheet HTML 21Page - STMicroelectronics M58PR256J Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
Bus operations
M58PR256J, M58PR512J
18/114
3.5
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in standby when Chip Enable and Reset are at VIH. The power
consumption is reduced to the standby level IDD3 and the outputs are set to high impedance,
independently from the Output Enable or Write Enable inputs. If Chip Enable switches to VIH
during a program or erase operation, the device enters Standby mode when finished.
3.6
Reset
During Reset mode the memory is deselected and the outputs are high impedance. The
memory is in Reset mode when Reset is at VIL. The power consumption is reduced to the
Reset level, independently from the Chip Enable, Output Enable or Write Enable inputs. If
Reset is pulled to VSS during a Program or Erase, this operation is aborted and the memory
content is no longer valid.
3.7
Deep Power-Down (DPD)
The memory enters the Deep Power-Down mode from the Standby mode (RP and E are de-
asserted, VIH) by setting ECR15 High (set to ‘1’) and asserting the DPD pin, whatever the
order of the last two events.
The DPD pin polarity is determined by the value of ECR14:
when ECR14 is cleared (‘0’) the DPD pin is active Low. The DPD pin is active Low by
default.
when ECR14 is set (‘1’), the DPD pin is active High.
While in DPD mode:
the values of Configuration Register, Enhanced Configuration Register, Block Lock bits
and Bank states are preserved.
the Status Register is reset to 80h.
If the Status Register contains errors before entering the DPD mode, the error bits will be
lost after exiting DPD mode.
The device should not be put in Deep Power-Down mode while a program, erase or
suspend operation is in progress. If the device is put in Deep Power-Down mode during a
program, erase or suspend operation, the operation will abort, and the memory contents will
no longer be valid.
The Deep Power-Down mode is exited tDPHEL after de-asserting the DPD pin. On exiting the
Deep Power-Down mode, the memory reverts to the Standby mode.
If the RP pin is asserted while in DPD mode, the device exits DPD mode after tPHEL and
ECR15 is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com