Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBAF90 Datasheet(PDF) 1 Page - AG Electronica

Part # USBAF90
Description  CONECTOR USB TIPO A, ÁNGULO RECTO HEMBRA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

USBAF90 Datasheet(HTML) 1 Page - AG Electronica

  USBAF90 Datasheet HTML 1Page - AG Electronica USBAF90 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
USBA/F90_DIP: CONECTOR USB TIPO A, ÁNGULO RECTO HEMBRA
Descripción
Conector USB hembra de ángulo recto tipo A con 4 terminales.
Especificaciones
Corriente nominal
1A
Voltaje nominal
30V AC
Resistencia de aislamiento
1000MΩ mín. A 500VDC
Resistencia de contacto
30mΩmáx.
Temperatura de operación
-40℃ a 60℃


Similar Part No. - USBAF90

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USBAFT L-COM-USBAFT Datasheet
125Kb / 1P
CONN USB A FEM FIELD TERM
7/23/09
More results

Similar Description - USBAF90

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
CBL30017-1500 SUYIN-USA-CBL30017-1500 Datasheet
173Kb / 1P
MINI USB 5P USB A
CBL30080-1500 SUYIN-USA-CBL30080-1500 Datasheet
76Kb / 1P
USB A CORE MINI USB
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com