Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR512J Datasheet(PDF) 58 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 58 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 54Page - STMicroelectronics M58PR512J Datasheet HTML 55Page - STMicroelectronics M58PR512J Datasheet HTML 56Page - STMicroelectronics M58PR512J Datasheet HTML 57Page - STMicroelectronics M58PR512J Datasheet HTML 58Page - STMicroelectronics M58PR512J Datasheet HTML 59Page - STMicroelectronics M58PR512J Datasheet HTML 60Page - STMicroelectronics M58PR512J Datasheet HTML 61Page - STMicroelectronics M58PR512J Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
Read modes
M58PR256J, M58PR512J
58/114
10
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read
operation is asynchronous; if the data output is synchronized with clock, the read operation
is synchronous.
The read mode and format of the data output are determined by the Configuration Register.
(See Configuration Register section for details). All banks support both asynchronous and
synchronous read operations.
10.1
Asynchronous Read mode
In Asynchronous Read operations the clock signal is ‘Don’t Care’. The device outputs the
data corresponding to the address latched, that is the memory array, Status Register,
Common Flash Interface or Electronic Signature depending on the command issued. CR15
in the Configuration Register must be set to ‘1’ for asynchronous operations.
Asynchronous Read operations can be performed in two different ways, Asynchronous
Random Access Read and Asynchronous Page Read. Only Asynchronous Page Read
takes full advantage of the internal page storage so different timings are applied.
In Asynchronous Read mode a Page of data is internally read and stored in a Page Buffer.
The Page has a size of 16 Words and is addressed by address inputs A0, A1, A2 and A3.
During the Page access, Amax-A4 and L must remain stable.
The first Read operation within the Page has a longer access time (tAVQV, Random access
time), subsequent reads within the same Page have much shorter access times (tAVQV1,
Page access time). If the Page changes then the normal, longer timings apply again.
Read operations to read Non-Array data (Status Register, Electronic Signature, CFI) should
be performed in Asynchronous Single Word mode. If the Asynchronous Page mode is used
to read Non-Array data, only the first output data will be valid, all subsequent data will be
indeterminate.
The Asynchronous Page Read mode is not available in the EFA.
The device features an Automatic Standby mode. During Asynchronous Read operations,
after a bus inactivity of 150ns, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
In Asynchronous Read mode, the WAIT signal is always de-asserted.
See Table 28: Asynchronous Read ac characteristics, Figure 10: Asynchronous random
access Read ac waveforms, and Figure 11: Asynchronous Page Read ac waveforms, for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com