Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S01331BBAAA Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S01331BBAAA
Description  S01 RTD & Thermocouple Inserts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S01331BBAAA Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S01331BBAAA Datasheet HTML 1Page - Ashcroft, Inc. S01331BBAAA Datasheet HTML 2Page - Ashcroft, Inc. S01331BBAAA Datasheet HTML 3Page - Ashcroft, Inc. S01331BBAAA Datasheet HTML 4Page - Ashcroft, Inc. S01331BBAAA Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S01_RTD_Thermo_Insert_ds_RevB_03-30-23
ashcroft.com
| 1.800.328.8258 | Contact Us
S01 RTD ORDERING CODE
Example:
S01
1
T
1
A
A
B
A
B
--
X
------
Area Classification
1 - Standard
1
3 - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1⁄8˝ Ø3.18 mm
S - 3⁄16˝ Ø4.76 mm
T - ¼˝ Ø6.35 mm
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
RTD Type
1 - Pt 100
1
Accuracy or Class (IEC 60751)
A - class A
A
B - class B
C - ½ DIN
D - class AA - 1⁄3 DIN
RTD Element/Range
A - RTD -
-50/+400 °C
A
B - RTD -
-200/+600 °C
D - RTD -vibrations-proof
Electrical Circuit
A - Single 2 wires
B - Single 3 wires
B
C - Single 4 wires
D - Dual 2 wires
E - Dual 3 wires
F - Dual 4 wires
Sheath Material
A - AISI 316L / 1.4404
A
Head Type
A - Dimension DIN A
B - Dimension DIN B
B
--
--
Insert Nominal Length
X - Li=(min=100, max=100000) (add actual length LI=?? at the end of ordering code )
X
------
------
Continued
on next page
S01 RTD & Thermocouple Inserts
of 5
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com