Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G2PRESSURE Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # G2PRESSURE
Description  G2 Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

G2PRESSURE Datasheet(HTML) 4 Page - Ashcroft, Inc.

  G2PRESSURE Datasheet HTML 1Page - Ashcroft, Inc. G2PRESSURE Datasheet HTML 2Page - Ashcroft, Inc. G2PRESSURE Datasheet HTML 3Page - Ashcroft, Inc. G2PRESSURE Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
G2 Pressure Transducer
of 4
4
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: 17-4 PH®, AMP®, Deutsch™, Metri-Pack® , Superseal®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. G2_transducer_ds_RevD_8-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
1
Only available with M01, M02, MG2, M76, M03 & M33 process
connections
Ø0.95
[Ø24.0]
1.69
[42.9]
1.74
[44.2]
2.60
[65.9]
0.23
[5.7]
¼ NPT
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
3.992 TYP
Install height
.793 Flange
Radius
Major thread
Radius R.211
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
G2 RANGE TABLE
Range
Code
30 psi/-14.7 psi
30#&vac
45 psi/-14.7 psi
45#&vac
60 psi/-14.7 psi
60#&vac
85 psi/-14.7 psi
85#&vac
100 psi/-14.7 psi
100#&vac
150 psi/-14.7 psi
150#&vac
200 psi/-14.7 psi
200#&vac
300 psi/-14.7 psi
300#&vac
500 psi/-14.7 psi
500#&vac
30 psi
30#
50 psi
50#
60 psi
60#
100 psi
100#
150 psi
150#
200 psi
200#
250 psi
250#
300 psi
300#
400 psi
400#
500 psi
500#
650 psi
650#
750 psi
750#
1,000 psi
1000#
1,500 psi
1500#
2,000 psi
2000#
2,500 psi
2500#
3,000 psi
3000#
4,000 psi
4000#
5,000 psi
5000#
6,000 psi
6000#
7,500 psi
7500#
10,000 psi
10000#
15,000 psi 1
15000#
20,000 psi 1
20000#
bar, kPa, and mPa ranges also available



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com