Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273Z4T3 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST10F273Z4T3
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4T3 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST10F273Z4T3 Datasheet HTML 65Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 66Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 67Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 68Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 69Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 70Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 71Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 72Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 179 page
background image
ST10F273
Serial channels
69/179
15
Serial channels
Serial communication with other microcontrollers, microprocessors, terminals or external
peripheral components is provided by up to four serial interfaces: two asynchronous /
synchronous serial channels (ASC0 and ASC1) and two high-speed synchronous serial
channel (SSC0 and SSC1). Dedicated Baud rate generators set up all standard Baud rates
without the requirement of oscillator tuning. For transmission, reception and erroneous
reception, separate interrupt vectors are provided for ASC0 and SSC0 serial channel. A
more complex mechanism of interrupt sources multiplexing is implemented for ASC1 and
SSC1 (XBUS mapped).
15.1
Asynchronous / synchronous serial interfaces
The asynchronous / synchronous serial interfaces (ASC0 and ASC1) provides serial
communication between the ST10F273 and other microcontrollers, microprocessors or
external peripherals.
15.2
ASCx in asynchronous mode
In asynchronous mode, 8- or 9-bit data transfer, parity generation and the number of stop
bits can be selected. Parity framing and overrun error detection is provided to increase the
reliability of data transfers. Transmission and reception of data is double-buffered. Full-
duplex communication up to 2M Bauds (at 64 MHz of fCPU) is supported in this mode.
Table 41.
ASC asynchronous baud rates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
Baud Rate (Baud) Deviation Error
Reload Value
(hex)
1 250 000
0.0% / 0.0%
0000 / 0000
833 333
0.0% / 0.0%
0000 / 0000
112 000
+1.5% / -7.0%
000A / 000B
112 000
+6.3% / -7.0%
0006 / 0007
56 000
+1.5% / -3.0%
0015 / 0016
56 000
+6.3% / -0.8%
000D / 000E
38 400
+1.7% / -1.4%
001F / 0020
38 400
+3.3% / -1.4%
0014 / 0015
19 200
+0.2% / -1.4%
0040 / 0041
19 200
+0.9% / -1.4%
002A / 002B
9 600
+0.2% / -0.6%
0081 / 0082
9 600
+0.9% / -0.2%
0055 / 0056
4 800
+0.2% / -0.2%
0103 / 0104
4 800
+0.4% / -0.2%
00AC / 00AD
2 400
+0.2% / 0.0%
0207 / 0208
2 400
+0.1% / -0.2%
015A / 015B
1 200
0.1% / 0.0%
0410 / 0411
1 200
+0.1% / -0.1%
02B5 / 02B6
600
0.0% / 0.0%
0822 / 0823
600
+0.1% / 0.0%
056B / 056C
300
0.0% / 0.0%
1045 / 1046
300
0.0% / 0.0%
0AD8 / 0AD9
153
0.0% / 0.0%
1FE8 / 1FE9
102
0.0% / 0.0%
1FE8 / 1FE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com